전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MB84VD23381FJ 데이터시트(HTML) 22 Page - Fujitsu Component Limited.

부품명 MB84VD23381FJ
상세내용  Stacked MCP (Multi-Chip Package) FLASH MEMORY & FCRAM
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FUJITSU [Fujitsu Component Limited.]
홈페이지  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB84VD23381FJ 데이터시트(HTML) 22 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
/ 54 page
 22 / 54 page
background image
MB84VD23381FJ-80
21
2.
AC Characteristics
• Read Only Operations Characteristics (Flash)
*: Test Conditions–Output Load : 1 TTL gate and 30 pF
Input rise and fall times: 5 ns
Input pulse levels: 0.0 V to VCCf
Timing measurement reference level
Input: 0.5×VCCf
Output: 0.5×VCCf
Parameter
Symbol
Condition
Value*
Unit
JEDEC
Standard
Min
Max
Read Cycle Time
tAVAV
tRC
—70
ns
Address to Output Delay
tAVQV
tACC
CEf = VIL
OE = VIL
—70
ns
Chip Enable to Output Delay
tELQV
tCEfOE = VIL
—70
ns
Output Enable to Output Delay
tGLQV
tOE
——
30
ns
Chip Enable to Output High-Z
tEHQZ
tDF
——
25
ns
Output Enable to Output High-Z
tGHQZ
tDF
——
25
ns
Output Hold Time From Addresses,
CEf or OE, Whichever Occurs First
tAXQX
tOH
—0
ns
RESET Pin Low to Read Mode
tREADY
——
20
µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn