전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

MB84VD23381FJ 데이터시트(HTML) 24 Page - Fujitsu Component Limited.

부품명 MB84VD23381FJ
상세내용  Stacked MCP (Multi-Chip Package) FLASH MEMORY & FCRAM
Download  54 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  FUJITSU [Fujitsu Component Limited.]
홈페이지  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB84VD23381FJ 데이터시트(HTML) 24 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
/ 54 page
 24 / 54 page
background image
MB84VD23381FJ-80
23
• Write/Erase/Program Operations (Flash)
(Continued)
Parameter
Symbol
Value
Unit
JEDEC
Standard
Min
Typ
Max
Write Cycle Time
tAVAV
tWC
70

ns
Address Setup Time
tAVWL
tAS
0

ns
Address Setup Time to OE Low During Toggle Bit
Polling
tASO
12

ns
Address Hold Time
tWLAX
tAH
45

ns
Address Hold Time from CEf or OE High During
Toggle Bit Polling
tAHT
0

ns
Data Setup Time
tDVWH
tDS
30

ns
Data Hold Time
tWHDX
tDH
0

ns
Output
Enable Hold
Time
Read
tOEH
0

ns
Toggle and Data Polling
10

ns
CEf High During Toggle Bit Polling
tCEPH
20

ns
OE High During Toggle Bit Polling
tOEPH
20

ns
Read Recover Time Before Write
tGHWL
tGHWL
0

ns
Read Recover Time Before Write
tGHEL
tGHEL
0

ns
CEf Setup Time
tELWL
tCS
0

ns
WE Setup Time
tWLEL
tWS
0

ns
CEf Hold Time
tWHEH
tCH
0

ns
WE Hold Time
tEHWH
tWH
0

ns
Write Pulse Width
tWLWH
tWP
35

ns
CEf Pulse Width
tELEH
tCP
35

ns
Write Pulse Width High
tWHWL
tWPH
25

ns
CEf Pulse Width High
tEHEL
tCPH
25

ns
Programming Operation
tWHWH1
tWHWH1
660
µs
Sector Erase Operation *1
tWHWH2
tWHWH2
0.2
1
s
VCCf Setup Time
tVCS
50

µs
Rise Time to VID *2
tVIDR
500

ns
Rise Time to VACC *3
tVACCR
500

ns
Voltage Transition Time *2
tVLHT
4

µs
Write Pulse Width *2
tWPP
100

µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn