์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

S71GL032A ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 42 Page - SPANSION

๋ถ€ํ’ˆ๋ช… S71GL032A
์ƒ์„ธ๋‚ด์šฉ  Stacked Multi-Chip Product (MCP) Flash Memory and RAM
Download  102 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  SPANSION [SPANSION]
ํ™ˆํŽ˜์ด์ง€  http://www.spansion.com
Logo 

S71GL032A ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 42 Page - SPANSION

Zoom Inzoom in Zoom Outzoom out
/ 102 page
 42 / 102 page
background image
42
S71GL032A Based MCPs
S71GL032A_00_A0 March 31, 2005
Advance
Info rmation
Table 20. Device Geometry Definition
Addresses
(x16)
Data
Description
27h
00xxh
Device Size = 2N byte
0017h = 64 Mb, 0016h = 32Mb
28h
29h
000xh
0000h
Flash Device Interface description (refer to CFI publication 100)
0000h = x8-only bus devices
0001h = x16-only bus devices
0002h = x8/x16 bus devices
2Ah
2Bh
0005h
0000h
Max. number of byte in multi-byte write = 2N
(00h = not supported)
2Ch
00xxh
Number of Erase Block Regions within device (01h = uniform device,
02h = boot device)
2Dh
2Eh
2Fh
30h
00xxh
000xh
00x0h
000xh
Erase Block Region 1 Information
(refer to the CFI specification or CFI publication 100)
007Fh, 0000h, 0020h, 0000h = 32 Mb (-R1, -R2)
003Fh, 0000h, 0001h = 32 Mb (-R3, R4)
007Fh, 0000h, 0020h, 0000h = 64 Mb (-R1, -R2, -R8, -R9)
007Fh, 0000h, 0000h, 0001h = 64 Mb (-R3, -R4, -R5, -R6, -R7)
31h
32h
33h
34h
00xxh
0000h
0000h
000xh
Erase Block Region 2 Information (refer to CFI publication 100)
003Eh, 0000h, 0000h, 0001h = 32 Mb (-R1, -R2)
007Eh, 0000h, 0000h, 0001h = 64 Mb (-R1, -R2, -R8, -R9)
0000h, 0000h, 0000h, 0000h = all others
35h
36h
37h
38h
0000h
0000h
0000h
0000h
Erase Block Region 3 Information (refer to CFI publication 100)
39h
3Ah
3Bh
3Ch
0000h
0000h
0000h
0000h
Erase Block Region 4 Information (refer to CFI publication 100)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn