전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI5504DC 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SI5504DC
상세설명  Complementary 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5504DC 데이터시트(HTML) 6 Page - Vishay Siliconix

  SI5504DC Datasheet HTML 1Page - Vishay Siliconix SI5504DC Datasheet HTML 2Page - Vishay Siliconix SI5504DC Datasheet HTML 3Page - Vishay Siliconix SI5504DC Datasheet HTML 4Page - Vishay Siliconix SI5504DC Datasheet HTML 5Page - Vishay Siliconix SI5504DC Datasheet HTML 6Page - Vishay Siliconix SI5504DC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Si5504DC
Vishay Siliconix
www.vishay.com
2-6
Document Number: 71056
S-21251—Rev. B, 05-Aug-02
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
P−CHANNEL
0
30
50
10
20
Single Pulse Power
Time (sec)
40
1
100
600
10
10-1
10-2
10-4
10-3
1.2
1.5
0.1
10
0.00
0.3
0.6
0.9
TJ = 25_C
TJ = 150_C
Source-Drain Diode Forward Voltage
VSD - Source-to-Drain Voltage (V)
-0.4
-0.2
0.0
0.2
0.4
0.6
-50
-25
0
25
50
75
100
125
150
0.0
0.1
0.2
0.3
0.4
0
2468
10
VGS - Gate-to-Source Voltage (V)
0
2
4
6
8
10
0
123
456
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
Gate Charge
Qg - Total Gate Charge (nC)
On-Resistance vs. Junction Temperature
VGS = 10 V
ID = 2.1 A
TJ - Junction Temperature (_C)
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
TJ - Temperature (_C)
ID = 250 mA
VDS = 15 V
ID = 2.1 A
ID = 2.1 A


유사한 부품 번호 - SI5504DC

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
SI5504DC KEXIN-SI5504DC Datasheet
2Mb / 7P
   Complementary power Trench MOSFET
logo
Vishay Siliconix
SI5504DC VISHAY-SI5504DC Datasheet
125Kb / 8P
   Complementary 30 V (D-S) MOSFET
18-Jul-08
SI5504DC VISHAY-SI5504DC_V01 Datasheet
125Kb / 8P
   Complementary 30 V (D-S) MOSFET
18-Jul-08
More results

유사한 설명 - SI5504DC

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1539DL VISHAY-SI1539DL Datasheet
67Kb / 7P
   Complementary 30-V (D-S) MOSFET
Rev. B, 12-Aug-02
SI7501DN-T1-E3 VISHAY-SI7501DN-T1-E3 Datasheet
565Kb / 15P
   Complementary 30-V (D-S) MOSFET
Rev. D, 07-Jul-08
SI5504DC VISHAY-SI5504DC_V01 Datasheet
125Kb / 8P
   Complementary 30 V (D-S) MOSFET
18-Jul-08
SI7501DN VISHAY-SI7501DN Datasheet
120Kb / 9P
   Complementary 30-V (D-S) MOSFET
01-Jan-2022
logo
Guangdong Kexin Industr...
KI1539DL KEXIN-KI1539DL Datasheet
55Kb / 2P
   Complementary 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI1539DL VISHAY-SI1539DL_08 Datasheet
88Kb / 8P
   Complementary 30-V (D-S) MOSFET
S-21374-Rev. B, 12-Aug-02
logo
Guangdong Kexin Industr...
KI5504DC KEXIN-KI5504DC Datasheet
70Kb / 2P
   Complementary 30-V (D-S) MOSFET
logo
Vishay Siliconix
72173 VISHAY-72173 Datasheet
87Kb / 8P
   Complementary 30-V (D-S) MOSFET
Rev. B, 24-Nov-03
SI1539DL VISHAY-SI1539DL_V01 Datasheet
127Kb / 8P
   Complementary 30 V (G-S) MOSFET
01-Jan-2022
SI5515DC VISHAY-SI5515DC_V01 Datasheet
272Kb / 13P
   Complementary 20 V (D-S) MOSFET
08-Feb-17
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com