전자부품 데이터시트 검색엔진 |
|
AD773AJD 데이터시트(PDF) 4 Page - Analog Devices |
|
AD773AJD 데이터시트(HTML) 4 Page - Analog Devices |
4 / 16 page AD773A REV. 0 –4– ORDERING GUIDE 1 Temperature Package Model Range Description Option 2 AD773AJD 0 °C to +70°C 28-Pin Ceramic DIP D-28 AD773AKD 0 °C to +70°C 28-Pin Ceramic DIP D-28 NOTES 1See Military/Aerospace Reference Manual for AD773ASD/883B specifications. 2D = Ceramic DIP. WARNING! ESD SENSITIVE DEVICE CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD773A features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. ABSOLUTE MAXIMUM RATINGS* Parameter With Respect to Min Max Units AVDD AGND –0.5 +6.5 V AVSS AGND –6.5 +0.5 V VINA, VINB AGND –6.5 +6.5 V DVDD, DRVDD DGND, DRGND –0.5 +6.5 V AGND DGND, DRGND –1.0 +1.0 V AVDD DVDD, DRVDD –6.5 +0.5 V CLK DVDD, DRVDD –6.5 +0.5 V REFIN REFGND, AGND –0.5 +6.5 V Junction Temperature +150 °C Storage Temperature –65 +150 °C Lead Temperature (10 sec) +300 °C *Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum ratings for extended periods may affect device reliability. PIN CONFIGURATION 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 AD773A TOP VIEW (Not to Scale) REFIN REFGND AGND DGND DRGND AV DD AV SS DRV DD OTR BIT 1 (MSB) MSB CLK VINA V INB AGND AVSS DV DD DRV DD DRGND BIT 2 BIT 3 BIT 4 BIT 5 BIT 6 BIT 7 BIT 8 BIT 9 BIT 10 (LSB) PIN DESCRIPTION Symbol Pin No. Type Name and Function AGND 5, 28 P Analog Ground. AVDD 4 P +5 V Analog Supply. AVSS 3, 25 P –5 V Analog Supply. MSB 19 DO Inverted Most Significant Bit. Provides twos complement out- put data format. OTR 20 DO Out of Range is Active HIGH on the leading edge of Code 0 or the trailing edge of Code 1023. See Output Data Format Table II. BIT 1 (MSB) 18 DO Most Significant Bit. BIT 2–BIT 9 17–10 DO Data Bit 2 through Data Bit 9. BIT 10 (LSB) 9 DO Least Significant Bit. CLK 23 DI Clock Input. The AD773A will initiate a conversion on the falling edge of the clock input. See the Timing Diagram for details. DVDD 24 P +5 V Digital Supply. DRVDD 7, 22 P +5 V Digital Supply for the out- put drivers. DGND 6 P Digital Ground. DRGND 8, 21 P Digital Ground for the output drivers. REFGND 1 AI REFGND is connected to the ground of the external reference. REFIN 2 AI REFIN is the external 2.5 V ref- erence input, taken with respect to REFGND. VINA 26 AI (+) Analog input signal to the dif- ferential input THA. VINB 27 AI (–) Analog input signal to the dif- ferential input THA. Type: AI = Analog Input; DI = Digital Input; DO = Digital Output; P = Power. |
유사한 부품 번호 - AD773AJD |
|
유사한 설명 - AD773AJD |