전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD773AJD 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD773AJD
상세설명  10-Bit, 20 MSPS Monolithic A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD773AJD 데이터시트(HTML) 1 Page - Analog Devices

  AD773AJD Datasheet HTML 1Page - Analog Devices AD773AJD Datasheet HTML 2Page - Analog Devices AD773AJD Datasheet HTML 3Page - Analog Devices AD773AJD Datasheet HTML 4Page - Analog Devices AD773AJD Datasheet HTML 5Page - Analog Devices AD773AJD Datasheet HTML 6Page - Analog Devices AD773AJD Datasheet HTML 7Page - Analog Devices AD773AJD Datasheet HTML 8Page - Analog Devices AD773AJD Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FUNCTIONAL BLOCK DIAGRAM
A/D
DAC
CORRECTION LOGIC
OUTPUT BUFFERS
TIMING
CONTROL
THA
THA
THA
A/D
DAC
A/D
26
23
27
21
4
24
6
5, 28
3, 25
20
19
AD773A
REFIN
REFGND
AGND
DGND
DRGND
AVDD
AV
SS
DV DD
DRVDD
7, 22
8, 21
OTR
MSB
CLOCK
VINA
VINB
BIT 1
(MSB)
BIT 10
(LSB)
18
9
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
10-Bit, 20 MSPS
Monolithic A/D Converter
AD773A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
PRODUCT DESCRIPTION
The AD773A is a monolithic 10-bit, 20 Msps analog-to-digital
converter incorporating an on-board, high performance track-
and-hold amplifier (THA). The AD773A converts video
bandwidth signals without the use of an external THA. The
AD773A implements a multistage differential pipelined
architecture with output error correction logic. The AD773A
offers accurate performance and guarantees no missing codes
over the full operating temperature range.
Output data is presented in binary and twos complement
format. An out of range (OTR) signal indicates the analog input
voltage is beyond the specified input range. OTR can be
decoded with the MSB/MSB pins to signal an underflow or
overflow condition. The high impedance reference input allows
multiple AD773As to be driven in parallel from a single
reference.
The combined dc precision and dynamic performance of the
AD773A is useful in a variety of applications. Typical
applications include: video enhancement, HDTV, ghost
cancellation, ultrasound imaging, radar and high speed data
acquisition.
The AD773A was designed using Analog Devices’ ABCMOS-1
process which utilizes high speed bipolar and 2-micron CMOS
transistors on a single chip. High speed, precision analog
circuits are now combined with high density logic circuits. Laser
trimmed thin film resistors are used to optimize accuracy and
temperature stability.
The AD773A is packaged in a 28-pin ceramic DIP and is
available in commercial (0
°C to +70°C) and military (–55°C to
+125
°C) grades.
FEATURES
Monolithic 10-Bit, 20 MSPS A/D Converter
Low Power Dissipation: 1.0 W
Signal-to-Noise Plus Distortion Ratio
fIN = 1 MHz: 56 dB
fIN = 10 MHz: 54 dB
Guaranteed No Missing Codes
On-Chip Track-and-Hold Amplifier
100 MHz Full Power Bandwidth
High Impedance Reference Input
Out of Range Output
Twos Complement and Binary Output Data
Available in Commercial and Military Temperature
Ranges (See Military/Aerospace Reference Manual
for Specifications)
PRODUCT HIGHLIGHTS
1. On-board THA
The high impedance differential input THA eliminates the
need for external buffering or sample and hold amplifiers.
The THA offers the choice of differential or single-ended
inputs. Input current is typically 5
µA.
2. High Impedance Reference Input
The high impedance reference input (200 k
Ω) allows direct
connection with standard +2.5 V references, such as the
AD680, AD580 and REF43.
3. Output Data Flexibility
Output data is available in bipolar offset and bipolar twos
complement binary format.
4. Out of Range (OTR)
The OTR output bit indicates when the input signal is
beyond the AD773A’s input range.
5. Military Temperature Range


유사한 부품 번호 - AD773AJD

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD773A AD-AD773A Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
More results

유사한 설명 - AD773AJD

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD773A AD-AD773A_15 Datasheet
4Mb / 14P
   10 BIT 20 MSPS MONOLITHIC A/D CONVERTER
REV. 0
logo
Intersil Corporation
HI5710A INTERSIL-HI5710A Datasheet
154Kb / 20P
   10-Bit, 20 MSPS A/D Converter
August 1997
HI5710A INTERSIL-HI5710A_00 Datasheet
833Kb / 21P
   10-Bit, 20 MSPS A/D Converter
logo
Analog Devices
AD9022 AD-AD9022_15 Datasheet
411Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. A
AD9022 AD-AD9022 Datasheet
240Kb / 12P
   12-Bit 20 MSPS Monolithic A/D Converter
REV. B
AD773 AD-AD773_15 Datasheet
4Mb / 16P
   10 BIT 18 MSPS MONOLITHIC A/D CONVERTER
REV. 0
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9240 AD-AD9240 Datasheet
328Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. A
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9240ASZ AD-AD9240ASZ Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com