전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IKP20N60T 데이터시트(PDF) 3 Page - Infineon Technologies AG

부품명 IKP20N60T
상세설명  IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKP20N60T 데이터시트(HTML) 3 Page - Infineon Technologies AG

  IKP20N60T Datasheet HTML 1Page - Infineon Technologies AG IKP20N60T Datasheet HTML 2Page - Infineon Technologies AG IKP20N60T Datasheet HTML 3Page - Infineon Technologies AG IKP20N60T Datasheet HTML 4Page - Infineon Technologies AG IKP20N60T Datasheet HTML 5Page - Infineon Technologies AG IKP20N60T Datasheet HTML 6Page - Infineon Technologies AG IKP20N60T Datasheet HTML 7Page - Infineon Technologies AG IKP20N60T Datasheet HTML 8Page - Infineon Technologies AG IKP20N60T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IKP20N60T, IKB20N60T
TrenchStop Series
IKW20N60T
Power Semiconductors
3
Rev. 2.2 Dec-04
Dynamic Characteristic
Input capacitance
Ciss
-
1100
-
Output capacitance
Coss
-
71
-
Reverse transfer capacitance
Crss
VCE=25V,
VGE=0V,
f=1MHz
-
32
-
pF
Gate charge
QGate
VCC=480V, IC=20A
VGE=15V
-
120
-
nC
Internal emitter inductance
measured 5mm (0.197 in.) from case
LE
TO-220-3-1
TO-247-3-1
TO-263-3-2
-
7
-
nH
Short circuit collector current
1)
IC(SC)
VGE=15V,tSC
≤5µs
VCC = 400V,
Tj
≤ 150°C
-
183.3
-
A
Switching Characteristic, Inductive Load, at Tj=25
°C
Value
Parameter
Symbol
Conditions
min.
Typ.
max.
Unit
IGBT Characteristic
Turn-on delay time
td(on)
-
18
-
Rise time
tr
-
14
-
Turn-off delay time
td(off)
-
199
-
Fall time
tf
-
42
-
ns
Turn-on energy
Eon
-
0.31
-
Turn-off energy
Eoff
-
0.46
-
Total switching energy
Ets
Tj=25
°C,
VCC=400V,IC=20A,
VGE=0/15V,
RG=12
Ω,
Lσ
2) =131nH,
Cσ
2) =31pF
Energy losses include
“tail” and diode
reverse recovery.
-
0.77
-
mJ
Anti-Parallel Diode Characteristic
Diode reverse recovery time
trr
-
41
-
ns
Diode reverse recovery charge
Qrr
-
0.31
-
µC
Diode peak reverse recovery current
Irrm
-
13.3
-
A
Diode peak rate of fall of reverse
recovery current during tb
dirr/dt
Tj=25
°C,
VR=400V, IF=20A,
diF/dt=880A/
µs
-
711
-
A/
µs
1) Allowed number of short circuits: <1000; time between short circuits: >1s.
2) Leakage inductance Lσ and Stray capacity Cσ due to dynamic test circuit in Figure E.


유사한 부품 번호 - IKP20N60T

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IKP20N60T INFINEON-IKP20N60T Datasheet
454Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Sep. 08
IKP20N60T INFINEON-IKP20N60T Datasheet
746Kb / 14P
   IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 12.06.2013
IKP20N60T INFINEON-IKP20N60T Datasheet
505Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 18.05.2015
IKP20N60TA INFINEON-IKP20N60TA Datasheet
746Kb / 14P
   IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 12.06.2013
IKP20N60TA INFINEON-IKP20N60TA Datasheet
2Mb / 16P
   600V low loss switching series third generation
Rev.2.2,2013-08-27
More results

유사한 설명 - IKP20N60T

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
IKA10N60T INFINEON-IKA10N60T Datasheet
368Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IHW40T120 INFINEON-IHW40T120 Datasheet
354Kb / 14P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Mar-04
IKB15N60T INFINEON-IKB15N60T Datasheet
398Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IHW15T120 INFINEON-IHW15T120 Datasheet
339Kb / 14P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.3 Sep 08
IHP10T120 INFINEON-IHP10T120 Datasheet
334Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Jun-04
IKP15N60T INFINEON-IKP15N60T Datasheet
402Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 May 06
IKW50N60T INFINEON-IKW50N60T Datasheet
416Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 May 06
IKP04N60T INFINEON-IKP04N60T Datasheet
365Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKP10N60T INFINEON-IKP10N60T Datasheet
396Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com