전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF9910 데이터시트(PDF) 10 Page - International Rectifier

부품명 IRF9910
상세설명  Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF9910 데이터시트(HTML) 10 Page - International Rectifier

Back Button IRF9910 Datasheet HTML 2Page - International Rectifier IRF9910 Datasheet HTML 3Page - International Rectifier IRF9910 Datasheet HTML 4Page - International Rectifier IRF9910 Datasheet HTML 5Page - International Rectifier IRF9910 Datasheet HTML 6Page - International Rectifier IRF9910 Datasheet HTML 7Page - International Rectifier IRF9910 Datasheet HTML 8Page - International Rectifier IRF9910 Datasheet HTML 9Page - International Rectifier IRF9910 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRF9910
10
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 04/04
330.00
(12.992)
MAX.
14.40 ( .566 )
12.40 ( .488 )
NOTES :
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
FEED DIRECTION
TERMINAL NUMBER 1
12.3 ( .484 )
11.7 ( .461 )
8.1 ( .318 )
7.9 ( .312 )
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. ALL DIMENSIONS ARE SHOWN IN MILLIMETERS(INCHES).
3. OUTLINE CONFORMS TO EIA-481 & EIA-541.
SO-8 Tape and Reel
Dimensions are shown in millimeters (inches)
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting TJ = 25°C, Q1: L = 0.95mH
RG = 25Ω, IAS = 8.3A; Q2: L = 0.54mH
RG = 25Ω, IAS = 9.8A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board.
… Rθ is measured at TJ approximately 90°C.


유사한 부품 번호 - IRF9910

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9910PBF IRF-IRF9910PBF Datasheet
205Kb / 10P
   HEXFET짰Power MOSFET
IRF9910PBF IRF-IRF9910PBF Datasheet
299Kb / 10P
   Dual SO-8 MOSFET for POL Low Gate Charge
IRF9910PBF IRF-IRF9910PBF Datasheet
299Kb / 10P
   Fully Characterized Avalanche Voltage and Current
IRF9910PBF-1 IRF-IRF9910PBF-1 Datasheet
264Kb / 11P
   Industry-standard pinout SO-8 Package
IRF9910PBF-1 IRF-IRF9910PBF-1_15 Datasheet
264Kb / 11P
   Industry-standard pinout SO-8 Package
More results

유사한 설명 - IRF9910

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF8910PBF IRF-IRF8910PBF_08 Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF8910GTRPBF IRF-IRF8910GTRPBF Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF7904PBF IRF-IRF7904PBF Datasheet
258Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers, Servers, Graphics Cards, Game Consoles and Set-Top Box
IRF8915TRPBF IRF-IRF8915TRPBF Datasheet
291Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop
IRF7905PBF IRF-IRF7905PBF_08 Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers
IRF7905TRPBF IRF-IRF7905TRPBF Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL
IRF7907PBF IRF-IRF7907PBF_08 Datasheet
331Kb / 10P
   Dual SO-8 MOSFET for POL
logo
Sangdest Microelectroni...
SMP4050-12UTG SMC-SMP4050-12UTG Datasheet
282Kb / 5P
   Game Consoles
logo
Shenzhen Guan Hua Wei Y...
WSD2065DN22 WIINSOK-WSD2065DN22 Datasheet
2Mb / 6P
   DC/DC Converters in Computing, Servers, and POL
WSD3068DN WIINSOK-WSD3068DN Datasheet
1Mb / 6P
   DC/DC Converters in Computing, Servers, and POL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com