전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ4470 데이터시트(PDF) 1 Page - Microsemi Corporation

부품명 SMAJ4470
상세설명  This 1.5 Watt Zener series in a low-profile light-weight plastic surface Mount Configuration
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SMAJ4470 데이터시트(HTML) 1 Page - Microsemi Corporation

  SMAJ4470 Datasheet HTML 1Page - Microsemi Corporation SMAJ4470 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 1
Copyright
© 2001
MSCXXXX.PDF 4-07-03 REV A
SMAJ4460 thru SMAJ4496
and SMAJ6485 thru SMAJ6491
1.5 Watt Zener Diodes
SCOTTSDALE DIVISION
DESCRIPTION
This 1.5 watt zener series in a low-profile light-weight plastic surface mount
configuration, with stress-relief J-bend contacts, meets or exceeds the electrical
performance of the 1N4460 thru 1N4496 and 1N6485 thru 1N6491. It also provides
double the overall surge performance by using a larger active die element. This
includes ESD protection per IEC61000-4-2, EFT protection per IEC61000-4-4, and
higher surge levels defined herein. The low-flat profile provides easier insertion or
automatic handling compared to other MELF style packages. Its thermally efficient
design lowers junction temperatures and extends operating temperature range
before derating begins. Power derates to zero at 150°C for these plastic packages.
IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com
POWER DERATING – OUTLINE – MOUNTING PAD
FEATURES
Zener voltages: 3.3 volts to 200 volts
Metallurgically bonded
Reliability data per JESD22-A108, JESD22-A104,
JESD22-A113-B, JESD22-A101-B, and JESD22-A102
Thermally efficient surface mount with J-bends for
stress relief (flat handling surface for easier placement)
Options for screening in accordance with MIL-PRF-
19500/406 for JAN, JANTX, JANTXV, and JANS are
available by adding MQ, MX, MV, or MSP prefixes
respectively to part numbers. For example, designate a
MXSMAJ4460 for a JANTX screen.
MAXIMUM RATINGS
• Operating temperature: -55°C to +150°C
• Storage temperature: -55°C to +150°C
• 1.5 watt steady-state maximum power
• Thermal resistance, R?JL = 15 °C/W
APPLICATIONS / BENEFITS
• For high reliability voltage regulation in low profile
surface mount locations requiring easy
placement and strain relief
• Light weight for airborne or satellite applications
• Superior surge quality to protect from ESD and
EFT transients per IEC61000-4-2 and -4-4 and
higher surge levels defined herein
MECHANICAL AND PACKA GING
• Molded epoxy package meets UL94V-0
• Terminals: solderable per MIL-STD-750
Method 2026. (max 260 °C for 10 sec.)
• Body marked with P/N without SMAJ letters
(ie. 4460, 4496, 6485, 4460, etc.)
• Polarity is indicated by cathode band
• Weight: 0.064 grams (approximate)
• Tape & Reel packaging per EIA-481-2 with 12
mm tape and 2500 units per reel (13 inch reel)
SURFACE MOUNT
ZENER
DO-214BA or AC
(SMAJ)
DIMENSIONS
INCHES
MILLIMETERS
DIM
MIN
MAX
MIN
MAX
A
.052
.103
1.32
2.62
B
.160
.180
4.06
4.57
C
.100
.110
2.54
2.79
D
.194
.216
4.93
5.49
E
.078
.115
1.98
2.92
F
.030
.060
0.76
1.52
G
--
.005
--
0.13
DIMENSION A IS WITHIN DO-214BA BUT HIGHER THAN
STANDARD JEDEC OUTLINES..DIMENSION B IS WIDER
THAN BOTH JEDEC OUTLINES FOR LOWER THERMAL
RESISTANCE
Mounting Pad
Outline


유사한 부품 번호 - SMAJ4470

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SMAJ4470 ETC2-SMAJ4470 Datasheet
196Kb / 2P
   Transient Voltage Suppressor
More results

유사한 설명 - SMAJ4470

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
1SMA5913BT3 ONSEMI-1SMA5913BT3 Datasheet
77Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
August, 2016 ??Rev. 10
1SMA5913BT3 ONSEMI-1SMA5913BT3_07 Datasheet
68Kb / 5P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
March, 2007 ??Rev. 6
1SMA5929 ONSEMI-1SMA5929 Datasheet
82Kb / 6P
   1.5 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2004 ??Rev. 4
logo
Micro Commercial Compon...
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5918B MCC-SMBJ5918B Datasheet
348Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5913B MCC-SMBJ5913B Datasheet
293Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
SMBJ5930B-TP MCC-SMBJ5930B-TP Datasheet
264Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
logo
Microsemi Corporation
SMBG5913 MICROSEMI-SMBG5913 Datasheet
92Kb / 2P
   SILICON 1.5 WATT ZENER DIODES SURFACE MOUNT
logo
ON Semiconductor
1SMB5956BT3G ONSEMI-1SMB5956BT3G Datasheet
168Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
January, 2012 ??Rev. 8
1SMB5913BT3 ONSEMI-1SMB5913BT3_16 Datasheet
80Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
April, 2016 ??Rev. 9
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com