전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LO15-10B05 데이터시트(PDF) 1 Page - MORNSUN Science& Technology Ltd.

부품명 LO15-10B05
상세설명  15W, AC-DC converter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LO15-10B05 데이터시트(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LO15-10B05 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LO15-10B05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LO15-10B05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
AC/DC Converter
LO15-10Bxx Series
2018.09.26-A/0
Page 1 of 3
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
15W, AC-DC converter
RoHS
FEATURES
85-264 VAC and 100 - 370VDC Input voltage range
2.5×1.8inch high power density
Operating ambient temperature range -25℃ to +70℃
Output short circuit, overcurrent & overvoltage protection
High efficiency, high reliability
Regulated output, Low ripple & noise
EMI performance meets CISPR32 / EN55032 CLASS B
2 years warranty
LO15-10Bxx series is one of Mornsun’s compact size power converter, it features universal AC input and at the same time accepts DC input
voltage, low power consumption, high efficiency, high reliability, reinforced isolation. The converters meet IEC/EN61000-4, CISPR32/EN55032,
UL62368, EN62368, UL60335, EN60335 standards. The converters are widely used in industrial, office and civil applications.
Selection Guide
Certification
Part No.
Output Power
Nominal Output Voltage and Current
(Vo/Io)
Efficiency at 230VAC
(%) Typ.
Capacitive Load
(µF) Max.
CE
(Pending)
LO15-10B03
9W
3.3V/3000mA
72
20000
LO15-10B05
14W
5V/2800mA
76
10000
LO15-10B09
15W
9V/1600mA
78
5800
LO15-10B12
12V/1250mA
81
5200
LO15-10B15
15V/1000mA
81
4500
LO15-10B24
24V/625mA
82
1000
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
AC input
85
--
264
VAC
DC input
100
--
370
VDC
Input Frequency
47
--
60
Hz
Input Current
115VAC
--
--
0.37
A
230VAC
--
--
0.22
Inrush Current
115VAC
--
20
--
230VAC
--
30
--
Leakage current
264VAC
0.25mA RMS max.
Hot Plug
Unavailable
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
3.3V Output
--
±3
--
%
Other Outputs
--
±2
--
Line Regulation
Full load
--
±0.5
--
Load Regulation
0%-100% load
--
±1
--
Ripple & Noise*
20MHz bandwidth (peak-to-peak value)
--
50
100
mV
Temperature Coefficient
--
--
±0.02
%/℃
Stand-by Power Consumption
--
--
0.5
W
Short Circuit Protection
Hiccup, continuous, self-recovery
Overvoltage Protection
3.3/5V Output
7.5V (Output voltage clamp or hiccup)
9V Output
15V (Output voltage clamp or hiccup)
12/15V Output
20V (Output voltage clamp or hiccup)
24V Output
30V (Output voltage clamp or hiccup)


유사한 부품 번호 - LO15-10B05

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
LO15-21D0524-02-GY MORNSUN-LO15-21D0524-02-GY Datasheet
766Kb / 3P
   Special for Power distribution network AC/DC converter
LO15-22C0612-04 MORNSUN-LO15-22C0612-04 Datasheet
1,011Kb / 3P
   15W, AC-DC converter
LO15-26D1305-03 MORNSUN-LO15-26D1305-03 Datasheet
1Mb / 4P
   Low ripple & noise, Low standby power consumption
More results

유사한 설명 - LO15-10B05

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
LDE15-20B03 MORNSUN-LDE15-20B03 Datasheet
1Mb / 6P
   15W, AC-DC converter
LH15-10D0524-04 MORNSUN-LH15-10D0524-04 Datasheet
384Kb / 4P
   15W, AC-DC CONVERTER
LHE15-20B03 MORNSUN-LHE15-20B03 Datasheet
1Mb / 5P
   15W, AC-DC converter
LO15-22C0612-04 MORNSUN-LO15-22C0612-04 Datasheet
1,011Kb / 3P
   15W, AC-DC converter
LH15-10B03 MORNSUN-LH15-10B03_15 Datasheet
1Mb / 7P
   15W, AC-DC converter
LHE15-20A05 MORNSUN-LHE15-20A05 Datasheet
1Mb / 6P
   15W, AC-DC converter
logo
STMicroelectronics
GS15T48-5 STMICROELECTRONICS-GS15T48-5 Datasheet
40Kb / 3P
   15W DC-DC CONVERTER
December 1993
logo
List of Unclassifed Man...
WDD15-03S4 ETC-WDD15-03S4 Datasheet
152Kb / 3P
   DC-DC CONVERTER 12 - 15W
logo
ETA-USA
WRM-00X-O ETA-USA-WRM-00X-O Datasheet
825Kb / 3P
   15W AC/DC Triple Output
logo
List of Unclassifed Man...
P15D ETC1-P15D Datasheet
206Kb / 2P
   15W DC-DC Converter P15D-Series
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com