전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HV582 데이터시트(PDF) 3 Page - Supertex, Inc

부품명 HV582
상세설명  96-Channel AC Plasma Display Data Driver with High Voltage Push-Pull Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUTEX [Supertex, Inc]
홈페이지  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV582 데이터시트(HTML) 3 Page - Supertex, Inc

  HV582 Datasheet HTML 1Page - Supertex, Inc HV582 Datasheet HTML 2Page - Supertex, Inc HV582 Datasheet HTML 3Page - Supertex, Inc HV582 Datasheet HTML 4Page - Supertex, Inc HV582 Datasheet HTML 5Page - Supertex, Inc HV582 Datasheet HTML 6Page - Supertex, Inc HV582 Datasheet HTML 7Page - Supertex, Inc HV582 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
HV582
Operating Supply Voltages
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
U
V
D
D
V
,
e
g
a
t
l
o
v
y
l
p
p
u
s
c
i
g
o
L
D
D
5
.
40
.
55
.
5V
V
P
P
V
,
y
l
p
p
u
s
e
g
a
t
l
o
v
h
g
i
H
P
P
0
60
9V
V
H
I
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
-
h
g
i
H
V
9
.
0
D
D
V
D
D
V
V
L
I
e
g
a
t
l
o
v
t
u
p
n
i
l
e
v
e
l
-
w
o
L0
9
.
0V
T
A
e
r
u
t
a
r
e
p
m
e
t
r
i
a
-
e
e
r
f
g
n
i
t
a
r
e
p
O0
4
-5
8
+C
°
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mp
y
Tx
a
Ms
t
i
n
Us
n
o
i
t
i
d
n
o
C
AC Electrical Characteristics (Over operating supply voltages unless otherwise noted)
f
K
L
C
y
c
n
e
u
q
e
r
f
k
c
o
l
C0
3z
H
M
t
W
w
o
l
d
n
a
h
g
i
h
h
t
d
i
w
k
c
o
l
C5
.
6
1s
n
t
U
S
s
e
s
i
r
k
c
o
l
c
e
r
o
f
e
b
e
m
i
t
p
u
t
e
s
a
t
a
D0
.
5s
n
t
H
s
e
s
i
r
k
c
o
l
c
r
e
t
f
a
e
m
i
t
d
l
o
h
a
t
a
D5
1s
n
t
O
D
t
u
O
a
t
a
D
r
o
f
e
m
i
t
y
a
l
e
D5
2s
nC
L
F
p
0
2
=
t
E
L
W
e
s
l
u
p
e
l
b
a
n
e
h
c
t
a
l
f
o
h
t
d
i
W5
1s
n
t
E
L
D
k
c
o
l
c
f
o
e
g
d
e
g
n
i
s
i
r
r
e
t
f
a
e
m
i
t
y
a
l
e
d
E
L5
1s
n
t
E
L
S
k
c
o
l
c
f
o
e
g
d
e
g
n
i
s
i
r
e
r
o
f
e
b
e
m
i
t
p
u
t
e
s
E
L5
1s
n
t
D
ll
a
f
/
e
s
i
r
t
r
a
t
s
o
t
t
u
p
t
u
o
r
o
f
e
m
i
t
y
a
l
e
DD
B
Ts
n
t
R
%
0
9
o
t
%
0
1
,
e
m
i
t
e
s
i
r
t
u
p
t
u
O0
0
2s
nC
L
V
,
F
p
0
7
1
=
P
P
V
0
8
=
t
F
%
0
1
o
t
%
0
9
,
e
m
i
t
ll
a
f
t
u
p
t
u
O0
0
2s
nC
L
V
,
F
p
0
7
1
=
D
D
V
5
.
4
=
t
L
O
P
D
L
O
P
m
o
r
f
e
g
n
a
h
c
t
u
p
t
u
o
%
0
1
r
o
f
e
m
i
t
y
a
l
e
DD
B
Ts
n
t
Z
I
H
D
Z
-
I
H
m
o
r
f
e
g
n
a
h
c
t
u
p
t
u
o
%
0
1
r
o
f
e
m
i
t
y
a
l
e
DD
B
Ts
n
e
m
i
t
ll
a
f
/
e
s
i
r
t
u
p
n
i
c
i
g
o
L0
.
5s
n
Input and Output Equivalent Circuits
VDD
Input
GND
VPP
GND
HVOUT
Logic Inputs
GND
Data Out
Logic Data Output
High Voltage Outputs
VDD


유사한 부품 번호 - HV582

제조업체부품명데이터시트상세설명
logo
Microchip Technology
HV582 MICROCHIP-HV582 Datasheet
331Kb / 20P
   96-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
HV582GA-G MICROCHIP-HV582GA-G Datasheet
331Kb / 20P
   96-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
More results

유사한 설명 - HV582

제조업체부품명데이터시트상세설명
logo
Microchip Technology
HV582 MICROCHIP-HV582 Datasheet
331Kb / 20P
   96-Channel Serial to Parallel Converter with Push-Pull Outputs
07/14/15
logo
STMicroelectronics
STV7612 STMICROELECTRONICS-STV7612 Datasheet
465Kb / 18P
   PLASMA DISPLAY PANEL DATA DRIVER
STV7620 STMICROELECTRONICS-STV7620 Datasheet
136Kb / 16P
   PLASMA DISPLAY PANEL DATA DRIVER
April 2002 Version 3.1
STV7620M STMICROELECTRONICS-STV7620M Datasheet
317Kb / 17P
   PLASMA DISPLAY PANEL DATA DRIVER
STV7699 STMICROELECTRONICS-STV7699 Datasheet
108Kb / 9P
   PLASMA DISPLAY PANEL DATA DRIVER
January 1999
STV7610A STMICROELECTRONICS-STV7610A Datasheet
142Kb / 17P
   PLASMA DISPLAY PANEL DATA DRIVER
STV7618 STMICROELECTRONICS-STV7618 Datasheet
125Kb / 16P
   PLASMA DISPLAY PANEL DATA DRIVER
logo
Supertex, Inc
HV528 SUTEX-HV528 Datasheet
703Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV528 SUTEX-HV528_08 Datasheet
546Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
HV509 SUTEX-HV509_08 Datasheet
565Kb / 8P
   16-Channel Serial to Parallel Converter with High Voltage Backplane Driver and Push-Pull Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com