전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

LDS-A404RU 데이터시트(PDF) 1 Page - LUMEX INC.

부품명 LDS-A404RU
상세설명  RED, SEVEN SEGMENT DISPLAY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMEX [LUMEX INC.]
홈페이지  http://www.lumex.com
Logo LUMEX - LUMEX INC.

LDS-A404RU 데이터시트(HTML) 1 Page - LUMEX INC.

  LDS-A404RU Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - LDS-A404RU

제조업체부품명데이터시트상세설명
LUMEX INC.
LUMEX INC.
LDS-A404RI LUMEX-LDS-A404RI Datasheet
71Kb / 1P
   635nm RED CHIPS, GRAY FACE, WHITE SEGMENTS
More results

유사한 설명 - LDS-A404RU

제조업체부품명데이터시트상세설명
LUMEX INC.
LUMEX INC.
LDS-CD14RI LUMEX-LDS-CD14RI Datasheet
86Kb / 1P
   2.3 RED SEVEN SEGMENT DISPLAY
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
List of Unclassifed Manufacturers
List of Unclassifed Man...
LDT-M514RI ETC1-LDT-M514RI Datasheet
36Kb / 1P
   TRIPLE DIGT SEVEN SEGMENT DISPLAY RED, COMMON ANODE
Vishay Siliconix
Vishay Siliconix
TDSR1050 VISHAY-TDSR1050 Datasheet
98Kb / 5P
   High Intensity Red Low Current Seven Segment Display
Rev. 1.1, 10-Feb-10
TDSR1350 VISHAY-TDSR1350 Datasheet
97Kb / 5P
   High Intensity Red Low Current Seven Segment Display
Rev. 1.2, 09-Jun-11
TDSR0750 VISHAY-TDSR0750 Datasheet
106Kb / 5P
   High Intensity Red Low Current Seven Segment Display
Rev. 1.0, 08-Oct-09
LUMEX INC.
LUMEX INC.
LDS-C514RI LUMEX-LDS-C514RI Datasheet
45Kb / 2P
   56 SINGLE DIGIT, SEVEN SEGMENT DISPLAY, 635mm, RED
Micro Electronics
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
   SEVEN SEGMENT NUMERIC DISPLAY
Siemens Semiconductor Group
Siemens Semiconductor G...
HD1105 SIEMENS-HD1105 Datasheet
645Kb / 6P
   SEVEN SEGMENT DISPLAY 10mm
List of Unclassifed Manufacturers
List of Unclassifed Man...
5611-BSR ETC2-5611-BSR Datasheet
60Kb / 2P
   Seven segment LED display
More results


Html Pages

1 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com