전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

2SC5140 데이터시트(PDF) 4 Page - Hitachi Semiconductor

부품명 2SC5140
부품 상세설명  VHF / UHF wide band amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC5140 데이터시트(HTML) 4 Page - Hitachi Semiconductor

  2SC5140 Datasheet HTML 1Page - Hitachi Semiconductor 2SC5140 Datasheet HTML 2Page - Hitachi Semiconductor 2SC5140 Datasheet HTML 3Page - Hitachi Semiconductor 2SC5140 Datasheet HTML 4Page - Hitachi Semiconductor 2SC5140 Datasheet HTML 5Page - Hitachi Semiconductor 2SC5140 Datasheet HTML 6Page - Hitachi Semiconductor 2SC5140 Datasheet HTML 7Page - Hitachi Semiconductor 2SC5140 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC5140
4
20
16
12
8
4
Collector Current I
(mA)
50
C
0
Power Gain vs. Collector Current
0.1 0.2
0.5
1
2
5
10 20
f = 900 MHz
V
= 5V
CE
10
8
6
4
2
Collector Current I
(mA)
50
C
0
Noise Figure vs. Collector Current
0.1 0.2
0.5
1
2
5
10 20
f = 900 MHz
V
= 5V
CE


유사한 부품 번호 - 2SC5140

제조업체부품명데이터시트부품 상세설명
Hitachi Semiconductor
Hitachi Semiconductor
2SC5141 HITACHI-2SC5141 Datasheet
62Kb / 8P
   Silicon NPN Epitaxial
Toshiba Semiconductor
Toshiba Semiconductor
2SC5142 TOSHIBA-2SC5142 Datasheet
204Kb / 4P
   NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV HIGH SPEED SWITCHING APPLICATIONS)
2SC5143 TOSHIBA-2SC5143 Datasheet
191Kb / 4P
   NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
2SC5143 ISC-2SC5143 Datasheet
130Kb / 4P
   Silicon NPN Power Transistors
Savantic, Inc.
Savantic, Inc.
2SC5143 SAVANTIC-2SC5143 Datasheet
279Kb / 4P
   Silicon NPN Power Transistors
More results

유사한 설명 - 2SC5140

제조업체부품명데이터시트부품 상세설명
Toshiba Semiconductor
Toshiba Semiconductor
TA4002F TOSHIBA-TA4002F_07 Datasheet
320Kb / 5P
   VHF~UHF Wide Band Amplifier
Comset Semiconductor
Comset Semiconductor
BFX89 COMSET-BFX89 Datasheet
146Kb / 4P
   WIDE BAND VHF/UHF AMPLIFIER
Toshiba Semiconductor
Toshiba Semiconductor
TA4001F TOSHIBA-TA4001F_07 Datasheet
314Kb / 5P
   VHF~UHF Wide Band Amplifier
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
BFX89 NJSEMI-BFX89 Datasheet
78Kb / 2P
   WIDE BAND VHF/UHF AMPLIFIER
Toshiba Semiconductor
Toshiba Semiconductor
TA4001F TOSHIBA-TA4001F Datasheet
137Kb / 4P
   VHF UHF WIDE BAND AMPLIFIER
TA4002F TOSHIBA-TA4002F Datasheet
139Kb / 4P
   VHF~UHF WIDE BAND AMPLIFIER
TA4003F TOSHIBA-TA4003F Datasheet
168Kb / 5P
   VHF~UHF WIDE BAND AMPLIFIER
TA4004F TOSHIBA-TA4004F Datasheet
179Kb / 5P
   VHF~UHF WIDE BAND AMPLIFIER
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conduct...
BFY90 NJSEMI-BFY90 Datasheet
78Kb / 2P
   WIDE BAND VHF/UHF AMPLIFIER
STMicroelectronics
STMicroelectronics
BFX89 STMICROELECTRONICS-BFX89 Datasheet
96Kb / 4P
   WIDE BAND VHF/UHF AMPLIFIER
More results


Html Pages

1  2  3  4  5  6  7  8 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com