전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD0592A 데이터시트(PDF) 2 Page - Panasonic Semiconductor

부품명 2SD0592A
상세설명  For Low-Frequency Output Amplification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD0592A 데이터시트(HTML) 2 Page - Panasonic Semiconductor

  2SD0592A Datasheet HTML 1Page - Panasonic Semiconductor 2SD0592A Datasheet HTML 2Page - Panasonic Semiconductor 2SD0592A Datasheet HTML 3Page - Panasonic Semiconductor 2SD0592A Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SD0592A
2
SJC00189CED
VCE(sat)  IC
VBE(sat)  IC
hFE  IC
PC  Ta
IC  VCE
IC  IB
0
160
40
120
80
0
1.0
0.8
0.6
0.4
0.2
Ambient temperature T
a (°C)
010
8
26
4
0
1.50
1.25
1.00
0.75
0.50
0.25
Ta
= 25°C
IB
= 10 mA
9 mA
8 mA
7 mA
6 mA
5 mA
4 mA
3 mA
2 mA
1 mA
Collector-emitter voltage V
CE (V)
012
10
8
26
4
0
1.2
1.0
0.8
0.6
0.4
0.2
VCE
= 10 V
Ta
= 25°C
Base current I
B (mA)
fT  IE
Cob  VCB
VCER  RBE
0.01
0.1
1
10
0.001
0.01
0.1
1
10
IC / IB
= 10
Ta
= 75°C
25
°C
−25°C
Collector current I
C (A)
0.01
0.1
1
10
0.01
0.1
1
10
100
IC / IB
= 10
Ta
= −25°C
25
°C
75
°C
Collector current I
C (A)
0.01
0.1
1
10
0
600
500
400
300
200
100
Ta
= 75°C
25
°C
−25°C
VCE
= 10 V
Collector current I
C (A)
−1
−10
−100
0
200
160
120
80
40
180
140
100
60
20
VCB
= 10 V
Ta
= 25°C
Emitter current I
E (mA)
1
10
100
0
50
40
30
20
10
IE
= 0
f
= 1 MHz
Ta
= 25°C
Collector-base voltage V
CB (V)
0.1
1
10
100
0
120
100
80
60
40
20
IC
= 10 mA
Ta
= 25°C
Base-emitter resistance R
BE (kΩ)


유사한 부품 번호 - 2SD0592A

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SD0601 PANASONIC-2SD0601 Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type
2SD0601A PANASONIC-2SD0601A Datasheet
38Kb / 2P
   Silicon NPN epitaxial planer type
2SD0601A PANASONIC-2SD0601A Datasheet
78Kb / 3P
   Silicon NPN epitaxial planar type
2SD0601ARN PANASONIC-2SD0601ARN Datasheet
5Mb / 71P
   DVD Video Recorder Service Manual
2SD0602 PANASONIC-2SD0602 Datasheet
60Kb / 2P
   Silicon NPN epitaxial planer type
More results

유사한 설명 - 2SD0592A

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
2SB1593 PANASONIC-2SB1593 Datasheet
66Kb / 3P
   For Low-Frequency Output Amplification
2SB0819 PANASONIC-2SB0819 Datasheet
81Kb / 4P
   For Low-Frequency Output Amplification
2SB0779 PANASONIC-2SB0779 Datasheet
68Kb / 3P
   For low-frequency output amplification
2SB0968 PANASONIC-2SB0968 Datasheet
80Kb / 4P
   For Low-Frequency Output Amplification
2SB0976 PANASONIC-2SB0976 Datasheet
68Kb / 3P
   For Low-Frequency Output Amplification
logo
Unisonic Technologies
2SB766A UTC-2SB766A_12 Datasheet
157Kb / 3P
   LOW FREQUENCY OUTPUT AMPLIFICATION
2SB766A UTC-2SB766A Datasheet
117Kb / 3P
   LOW FREQUENCY OUTPUT AMPLIFICATION
logo
Panasonic Semiconductor
2SK0663 PANASONIC-2SK0663 Datasheet
73Kb / 3P
   For Low-Frequency Amplification
2SD0946 PANASONIC-2SD0946 Datasheet
68Kb / 3P
   For Low-Frequency Amplification
2SK0198 PANASONIC-2SK0198 Datasheet
49Kb / 3P
   For Low-Frequency Amplification
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com