전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MSM27V3255CZ 데이터시트(PDF) 11 Page - OKI electronic componets

부품명 MSM27V3255CZ
상세설명  1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OKI [OKI electronic componets]
홈페이지  http://www.oki.com
Logo OKI - OKI electronic componets

MSM27V3255CZ 데이터시트(HTML) 11 Page - OKI electronic componets

Back Button MSM27V3255CZ Datasheet HTML 5Page - OKI electronic componets MSM27V3255CZ Datasheet HTML 6Page - OKI electronic componets MSM27V3255CZ Datasheet HTML 7Page - OKI electronic componets MSM27V3255CZ Datasheet HTML 8Page - OKI electronic componets MSM27V3255CZ Datasheet HTML 9Page - OKI electronic componets MSM27V3255CZ Datasheet HTML 10Page - OKI electronic componets MSM27V3255CZ Datasheet HTML 11Page - OKI electronic componets MSM27V3255CZ Datasheet HTML 12Page - OKI electronic componets MSM27V3255CZ Datasheet HTML 13Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
MSM27V3255CZ
High Speed Programming Algorithm ( II )
Program 25
µs
X=0
VCC=5.0V
VPP=11.0V
X=X+1
YES
PASS
NO
NG
PASS
VCC=3.6V
VPP=3.6V
Start
X=10 ?
Increment Address
Verify (One Byte)
Last Address ?
Compare All
Device Passed
Device Failed
Program 25
µs
First Address
VCC=3.0V
VPP=3.0V
PASS
Compare All
NG
First Address
Last Address ?
NO
Increment Address
YES
NG
YES
NO


유사한 부품 번호 - MSM27V3255CZ

제조업체부품명데이터시트상세설명
logo
OKI electronic componet...
MSM27V1655CZ OKI-MSM27V1655CZ Datasheet
91Kb / 12P
   524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
More results

유사한 설명 - MSM27V3255CZ

제조업체부품명데이터시트상세설명
logo
OKI electronic componet...
MR27V3255D OKI-MR27V3255D Datasheet
56Kb / 10P
   1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 8-Double Word x 32-Bit or 16-Word x 16-Bit Page Mode One Time PROM
MSM27C3255CZ OKI-MSM27C3255CZ Datasheet
91Kb / 12P
   1,048,576-Double Word x 32-Bit or 2,097,152-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MSM27V1655CZ OKI-MSM27V1655CZ Datasheet
91Kb / 12P
   524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MSM27C1655CZ OKI-MSM27C1655CZ Datasheet
91Kb / 12P
   524,288-Double Word x 32-Bit or 1,048,576-Word x 16-Bit 4-Double Word x 32-Bit or 8-Word x 16-Bit Page Mode One Time PROM
MSM27C1652CZ OKI-MSM27C1652CZ Datasheet
91Kb / 12P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1652D OKI-MR27V1652D Datasheet
57Kb / 10P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
MR27V1602F OKI-MR27V1602F Datasheet
132Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27C1602B OKI-MR27C1602B Datasheet
128Kb / 14P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V1602D OKI-MR27V1602D Datasheet
58Kb / 11P
   1,048,576-Word x 16-Bit or 2,097,152-Word x 8-Bit One Time PROM
MR27V3252D OKI-MR27V3252D Datasheet
56Kb / 10P
   2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com