전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SK3210 데이터시트(PDF) 3 Page - Hitachi Semiconductor

부품명 2SK3210
상세설명  Silicon N Channel MOS FET High Speed Power Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITACHI [Hitachi Semiconductor]
홈페이지  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK3210 데이터시트(HTML) 3 Page - Hitachi Semiconductor

  2SK3210 Datasheet HTML 1Page - Hitachi Semiconductor 2SK3210 Datasheet HTML 2Page - Hitachi Semiconductor 2SK3210 Datasheet HTML 3Page - Hitachi Semiconductor 2SK3210 Datasheet HTML 4Page - Hitachi Semiconductor 2SK3210 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SK3210(L), 2SK3210(S)
3
Electrical Characteristics (Ta = 25
°C)
Item
Symbol Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage V
(BR)DSS
150
V
I
D = 10mA, VGS = 0
Gate to source breakdown voltage V
(BR)GSS
±20
——V
I
G = ±100µA, VDS = 0
Gate to source leak current
I
GSS
——
±10
µAV
GS = ±16V, VDS = 0
Zero gate voltege drain current
I
DSS
——10
µAV
DS = 150 V, VGS = 0
Gate to source cutoff voltage
V
GS(off)
1.0
2.5
V
I
D = 1mA, VDS = 10V
Static drain to source on state
R
DS(on)
3545m
I
D = 15A, VGS = 10V
Note4
resistance
R
DS(on)
4275m
I
D = 15A, VGS = 4V
Note4
Forward transfer admittance
|y
fs|
1830—
S
I
D = 15A, VDS = 10V
Note4
Input capacitance
Ciss
2600
pF
V
DS = 10V
Output capacitance
Coss
820
pF
V
GS = 0
Reverse transfer capacitance
Crss
350
pF
f = 1MHz
Turn-on delay time
t
d(on)
25
ns
I
D = 15A, VGS = 10V
Rise time
t
r
180
ns
R
L = 2Ω
Turn-off delay time
t
d(off)
600
ns
Fall time
t
f
280
ns
Body–drain diode forward voltage
V
DF
0.95
V
I
F = 30A, VGS = 0
Body–drain diode reverse
recovery time
t
rr
110
ns
I
F = 30A, VGS = 0
diF/ dt =50A/
µs
Note:
4. Pulse test


유사한 부품 번호 - 2SK3210

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SK3210 RENESAS-2SK3210 Datasheet
156Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3210(L) RENESAS-2SK3210(L)_15 Datasheet
170Kb / 8P
   Silicon N Channel MOS FET High Speed Power Switching
2SK3210L RENESAS-2SK3210L Datasheet
156Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
Inchange Semiconductor ...
2SK3210L ISC-2SK3210L Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
2SK3210S ISC-2SK3210S Datasheet
401Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - 2SK3210

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5