전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC1GU512NBFA-0QC00 데이터시트(PDF) 7 Page - Samsung semiconductor

부품명 MC1GU512NBFA-0QC00
상세설명  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1GU512NBFA-0QC00 데이터시트(HTML) 7 Page - Samsung semiconductor

Back Button MC1GU512NBFA-0QC00 Datasheet HTML 3Page - Samsung semiconductor MC1GU512NBFA-0QC00 Datasheet HTML 4Page - Samsung semiconductor MC1GU512NBFA-0QC00 Datasheet HTML 5Page - Samsung semiconductor MC1GU512NBFA-0QC00 Datasheet HTML 6Page - Samsung semiconductor MC1GU512NBFA-0QC00 Datasheet HTML 7Page - Samsung semiconductor MC1GU512NBFA-0QC00 Datasheet HTML 8Page - Samsung semiconductor MC1GU512NBFA-0QC00 Datasheet HTML 9Page - Samsung semiconductor MC1GU512NBFA-0QC00 Datasheet HTML 10Page - Samsung semiconductor MC1GU512NBFA-0QC00 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
MultiMediaCard
TM
7
2 Function Description
2.1 Flash Technology Independence
The 512 byte sector size of the MultiMediaCard is the same as that in an IDE magnetic disk drive. To
write or read a sector (or multiple sectors), the host computer software simply issues a Read or Write
command to the MultiMediaCard. This command contains the address and the number of sectors to
write/read. The host software then waits for the command to complete. The host software does not get
involved in the details of how the flash memory is erased, programmed or read. This is extremely
important as flash devices are expected to get more and more complex in the future. Because the
MultiMediaCard uses an intelligent on-board controller, the host system software will not require
changing as new flash memory evolves. In other words, systems that support the MultiMediaCard
today will be able to access future MultiMediaCards built with new flash technology without having to
update or change host software.
2.2 Defect and Error Management
MultiMediaCards contain a sophisticated defect and error management system. This system is
analogous to the systems found in magnetic disk drives and in many cases offers enhancements. For
instance, disk drives do not typically perform a read after write to confirm the data is written correctly
because of the performance penalty that would be incurred. MultiMediaCards do a read after write
under margin conditions to verify that the data is written correctly (except in the case of a Write without
Erase Command). In the rare case that a bit is found to be defective, MultiMediaCards replace this bad
bit with a spare bit within the sector header. If necessary, MultiMediaCards will even replace the entire
sector with a spare sector. This is completely transparent to the host and does not consume any user
data space.
The MultiMediaCards soft error rate specification is much better than the magnetic disk drive
specification. In the extremely rare case a read error does occur, MultiMediaCards have innovative
algorithms to recover the data. This is similar to using retries on a disk drive but is much more
sophisticated. The last line of defense is to employ powerful ECC to correct the data. If ECC is used to
recover data, defective bits are replaced with spare bits to ensure they do not cause any future
problems.
These defect and error management systems coupled with the solid-state construction give
MultiMediaCards unparalleled reliability
2.3 Endurance
MultiMediaCards have an endurance specification for each sector of 1,000,000 writes (reading a
logical sector is unlimited). This is far beyond what is needed in nearly all applications of
MultiMediaCards. Even very heavy use of the MultiMediaCard in cellular phones, personal
communicators, pagers and voice recorders will use only a fraction of the total endurance over the
typical device’s five year lifetime. For instance, it would take over 100 years to wear out an area on the
MultiMediaCard on which a files of any size (from 512 bytes to capacity) was rewritten 3 times per hour,
8 hours a day, 365 days per year.
With typical applications the endurance limit is not of any practical concern to the vast majority of users.
2.4 Automatic Sleep Mode


유사한 부품 번호 - MC1GU512NBFA-0QC00

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MC1GH128DACA-2SA00 SAMSUNG-MC1GH128DACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
MC1GH128NACA-2SA00 SAMSUNG-MC1GH128NACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
MC1GH256DACA-2SA00 SAMSUNG-MC1GH256DACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
More results

유사한 설명 - MC1GU512NBFA-0QC00

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com