전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM9102DE 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 DM9102DE
상세설명  SINGLE CHIP FAST ETHEMET NIC CONTROLLER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

DM9102DE 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DM9102DE Datasheet HTML 4Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9102DE Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
8
Preliminary datasheet
Version: DM9102D-DS-P02
Jan. 14, 2005
mode 0 = Link and traffic LED. Active low to indicate normal
link, and it will flash as a traffic LED when transmitting or
receiving.
mode 1 = traffic LED only
88
FDX#
O/D
LED Output Pin, Active Low
mode 0 = Full duplex LED
mode 1 = Full duplex LED
89
SPD100#
O/D
LED Output Pin, Active Low
mode 0 = 100Mbps LED
mode 1 = 100Mbps LED
90
SPD10#
O/D
LED Output Pin, Active Low
mode 0 = 10Mbps LED
mode 1 = Link LED
5.4 Network Interface
Pin No.
128LQFP
Pin Name
I/O
Description
105,106
RXI+
RX-
I
100M/10Mbps Differential Input Pair.
These two pins are differential receive input pair for
100BASE-TX and 10BASE-T. They are capable of receiving
100BASE-TX MLT-3 or 10BASE-T Manchester encoded
data.
109,110
TXO+
TXO-
O
100M/10Mbps differential output pair.
These two pins are differential output pair for 100BASE-TX
and 10BASE-T. This output pair provides controlled rising and
falling time, designed to filter the transmitter’s output.
5.5 Miscellaneous Pins
Pin No.
128LQFP
Pin Name
I/O
Description
75
IDSEL2
O
PCI IDSEL 2.
When this pin is pulled high, the PCI multiple function is
present, and it act as PCI IDSEL2 function.
84
REQ2#
O
PCI Request 2
If the PCI multiple function mode is selected, this pin act as the
PCI REQ2# function.
83
GNT2#
I
PCI GNT2#
If the PCI multiple function mode is selected, this pin act as
GNT2# function.
When this pin is pulled high, the DM9102D is in LED mode 1
otherwise the led mode 0 is selected.
36
CLOCKRUN#
I/O
Clockrun#
The clockrun# signal is used by the system to pause or slow
down the PCI clock signal. It is used by the DM9102D to
enable or disable suspension or restart of the PCI clock. When
the CLOCKRUN# pin is not used, this pin should be connected
to an external pulled down resistor.
71
TEST2
I
TEST mode control 2
In normal operation, tie high to this pin.


유사한 부품 번호 - DM9102DE

제조업체부품명데이터시트상세설명
logo
Davicom Semiconductor, ...
DM9102DE DAVICOM-DM9102DE Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DE DAVICOM-DM9102DE Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
More results

유사한 설명 - DM9102DE

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
   Single Chip Fast Ethernet NIC Controller
logo
Macronix International
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
   3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98715AEC-C MCNIX-MX98715AEC-C Datasheet
201Kb / 39P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER - CRYSTAL VERSION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70