전자부품 데이터시트 검색엔진 |
|
HLMP-3750 데이터시트(PDF) 5 Page - Agilent(Hewlett-Packard) |
|
HLMP-3750 데이터시트(HTML) 5 Page - Agilent(Hewlett-Packard) |
5 / 10 page 5 Electrical/Optical Characteristics at TA = 25 °C T-13/4 Test Symbol Description T-13/4 Low Dome T-1 Min. Typ. Max. Units Conditions λPEAK Peak 37xx 3390 1340 635 nm Measurement Wavelength 38xx 3490 1440 583 at Peak 39xx 3590 1540 565 D640 K640 558 λd Dominant 37xx 3390 1340 626 nm Note 1 Wavelength 38xx 3490 1440 585 39xx 3590 1540 569 D640 K640 560 ∆λ3/4 Spectral Line 37xx 3390 1340 40 nm Halfwidth 38xx 3490 1440 36 39xx 3590 1540 28 D640 K640 24 τs Speed of 37xx 3390 1340 90 ns Respond 38xx 3490 1440 90 39xx 3590 1540 500 D640 K640 3100 C Capacitance 37xx 3390 1340 11 pF VF = 0, 38xx 3490 1440 15 f = 1 MHz 39xx 3590 1540 18 D640 K640 35 R θJ-PIN Thermal 37xx 3390 210 °C/W Junction to Resistance 38xx 3490 210 Cathode Lead 39xx 3590 210 D640 510 1340 290 1440 290 1540 290 K640 290 VF Forward 37xx 3390 1340 1.5 1.9 2.6 V IF = 20 mA Voltage 38xx 3490 1440 1.5 2.1 2.6 (Figure 3) 39xx 3590 1540 1.5 2.2 3.0 D640 K640 2.2 3.0 VR Reverse 37xx 3390 1340 5.0 V IF = 100 µA Breakdown 38xx 3490 1440 Voltage 39xx 3590 1540 D640 K640 ηv Luminous 37xx 3390 1340 145 Lumens Note 2 Efficacy 38xx 3490 1440 500 Watt 39xx 3590 1540 595 D640 K640 655 Notes: 1. The dominant wavelength, ld , is derived from the CIE chromaticity diagram and represents the single wavelength which defines the color of the device. 2. The radiant intensity, Ie , in watts per steradian, may be found from the equation Ie = IV /hV , where IV is the luminous intensity in candelas and hV is the luminous efficacy in lumens/watt. |
유사한 부품 번호 - HLMP-3750 |
|
유사한 설명 - HLMP-3750 |