์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

74LCX02SJ ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - ON Semiconductor

๋ถ€ํ’ˆ๋ช… 74LCX02SJ
์ƒ์„ธ๋‚ด์šฉ  Low Voltage Quad 2-Input NOR Gate Tolerant Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ONSEMI [ON Semiconductor]
ํ™ˆํŽ˜์ด์ง€  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LCX02SJ ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - ON Semiconductor

  74LCX02SJ ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 1Page - ON Semiconductor 74LCX02SJ ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 2Page - ON Semiconductor 74LCX02SJ ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 3Page - ON Semiconductor 74LCX02SJ ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 4Page - ON Semiconductor 74LCX02SJ ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 5Page - ON Semiconductor 74LCX02SJ ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 6Page - ON Semiconductor 74LCX02SJ ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 7Page - ON Semiconductor 74LCX02SJ ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 8Page - ON Semiconductor 74LCX02SJ ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ฉ1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX02 Rev. 1.6.0
January 2008
74LCX02
Low Voltage Quad 2-Input NOR Gate with 5V
Tolerant Inputs
Features
? 5V tolerant inputs
? 2.3V?3.6V VCC specifications provided
? 5.2ns tPD max. (VCC = 3.3V), 10ตA ICC max.
? Power down high impedance inputs and outputs
? ฑ24mA output drive (VCC = 3.0V)
?
? Latch-up performance exceeds 500mA
? ESD performance:
? Human body model > 2000V
? Machine model > 200V
General Description
The LCX02 contains four 2-input NOR gates. The inputs
tolerate voltages up to 7V allowing the interface of 5V
systems to 3V systems.
The 74LCX02 is fabricated with advanced CMOS tech-
nology to achieve high speed operation while maintain-
ing CMOS low power dissipation.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter ?X? to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Connection Diagram
Pin Description
Logic Symbol
IEEE/IEC
Order Number
Package
Number
Package Description
74LCX02M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
74LCX02SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX02MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Pin Names
Description
An, Bn
Inputs
On
Outputs
Implements proprietary noise/EMI reduction circuitry


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


๋ฐ์ดํ„ฐ์‹œํŠธ Download

Go To PDF Page


๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ? ??? ??? ?????  [ DONATE ]  

Alldatasheet??   |   ????    |   ????? ????   |   ????????   |   ????   |   ????   |   ???? ??
All Rights Reservedฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn