์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

74LCX02MTC ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - ON Semiconductor

๋ถ€ํ’ˆ๋ช… 74LCX02MTC
์ƒ์„ธ๋‚ด์šฉ  Low Voltage Quad 2-Input NOR Gate Tolerant Inputs
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  ONSEMI [ON Semiconductor]
ํ™ˆํŽ˜์ด์ง€  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LCX02MTC ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - ON Semiconductor

  74LCX02MTC ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 1Page - ON Semiconductor 74LCX02MTC ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 2Page - ON Semiconductor 74LCX02MTC ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 3Page - ON Semiconductor 74LCX02MTC ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 4Page - ON Semiconductor 74LCX02MTC ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 5Page - ON Semiconductor 74LCX02MTC ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 6Page - ON Semiconductor 74LCX02MTC ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 7Page - ON Semiconductor 74LCX02MTC ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 8Page - ON Semiconductor 74LCX02MTC ๋ฐ์ดํ„ฐ์‹œํŠธ HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ฉ1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX02 Rev. 1.6.0
3
DC Electrical Characteristics
AC Electrical Characteristics
Note:
3. Skew is defined as the absolute value of the difference between the actual propagation delay for any two
separate outputs of the same device. The specification applies to any outputs switching in the same direction,
either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Symbol
Parameter
VCC (V)
Conditions
TA = ?40ฐC to +85ฐC
Units
Min.
Max.
VIH
HIGH Level Input Voltage
2.3?2.7
1.7
V
2.7?3.6
2.0
VIL
LOW Level Input Voltage
2.3?2.7
0.7
V
2.7?3.6
0.8
VOH
HIGH Level Output Voltage
2.3?3.6
IOH = ?100ตA
VCC ? 0.2
V
2.3
IOH = ?8mA
1.8
2.7
IOH = ?12mA
2.2
3.0
IOH = ?18mA
2.4
IOH = ?24mA
2.2
VOL
LOW Level Output Voltage
2.3?3.6
IOL = 100ตA
0.2
V
2.3
IOL = 8mA
0.6
2.7
IOL = 12mA
0.4
3.0
IOL = 16mA
0.4
IOL = 24mA
0.55
II
Input Leakage Current
2.3?3.6
0 ? VI ? 5.5V
ฑ5.0
ตA
IOFF
Power-Off Leakage Current
0
VI or VO = 5.5V
10
ตA
ICC
Quiescent Supply Current
2.3?3.6
VI = VCC or GND
10
ตA
3.6V ? VI ? 5.5V
ฑ10
?ICC
Increase in ICC per Input
2.3?3.6
VIH = VCC ? 0.6V
500
ตA
Symbol
Parameter
TA = ?40ฐC to +85ฐC, RL = 500?
Units
VCC = 3.3V ฑ 0.3V,
CL = 50pF
VCC = 2.7V,
CL = 50pF
VCC = 2.5V ฑ 0.2V,
CL = 30pF
Min.
Max.
Min.
Max.
Min.
Max.
tPHL, tPLH
Propagation Delay
1.5
5.2
1.5
6.0
1.5
6.2
ns
tOSHL, tOSLH Output to Output Skew
(3)
1.0
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


๋ฐ์ดํ„ฐ์‹œํŠธ Download

Go To PDF Page


๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ? ??? ??? ?????  [ DONATE ]  

Alldatasheet??   |   ????    |   ????? ????   |   ????????   |   ????   |   ????   |   ???? ??
All Rights Reservedฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn