전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

489D 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 489D
상세설명  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D 데이터시트(HTML) 5 Page - Vishay Siliconix

  489D Datasheet HTML 1Page - Vishay Siliconix 489D Datasheet HTML 2Page - Vishay Siliconix 489D Datasheet HTML 3Page - Vishay Siliconix 489D Datasheet HTML 4Page - Vishay Siliconix 489D Datasheet HTML 5Page - Vishay Siliconix 489D Datasheet HTML 6Page - Vishay Siliconix 489D Datasheet HTML 7Page - Vishay Siliconix 489D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
109
489D, 499D
Vishay Sprague
Document Number 42070
Revision 02-Aug-02
For technical questions, contact eurotant@vishay.com
STANDARD RATINGS
CASE
CODE
TYPE
PART NUMBER
489D
MAX. DCL
@ + 25
°C
(
µA)
489D, 499D
MAX. DF, 100 Hz
@ + 25
° C
(%)
499D
MAX. DCL
@ + 25
°C
(
µA)
CR
(
µF)
U
R= 35 Volt @ + 85 °C, Surge = 46 V
U
C = 23 V @ + 125 °C, Surge = 28 V (only 499D)
U
R= 50Volt @ + 85 °C, Surge = 65 V
U
C = 33 V @ + 125 °C, Surge = 40 V (only 499D)
489D
Type part number 489D, 499D
(*)
Insert 0 for
± 20% tolerance or 9 for ± 10%
_ _
Case code/lead style see case code table
0.10
A
489D104X(*)035A_ _
1.0
0.5
4
0.15
A
489D154X(*)035A_ _
1.0
0.5
4
0.22
A
489D224X(*)035A_ _
1.0
0.5
4
0.33
A
489D334X(*)035A_ _
1.0
0.5
4
0.47
A
489D474X(*)035A_ _
1.0
0.5
4
0.68
B
489D684X(*)035B_ _
1.0
0.5
4
1.0
B
489D105X(*)035B_ _
1.0
0.5
4
1.5
C
489D155X(*)035C_ _
1.0
0.5
4
2.2
C
489D225X(*)035C_ _
1.1
0.6
6
3.3
D
489D335X(*)035D_ _
1.7
0.9
6
4.7
D
489D475X(*)035D_ _
2.4
1.3
6
6.8
E
489D685X(*)035E_ _
3.5
1.9
6
10.0
F
489D106X(*)035F_ _
5.2
2.8
8
15.0
M
489D156X(*)035M_ _
7.8
4.2
8
22.0
M
489D226X(*)035M_ _
11.5
6.1
8
33.0
N
489D336X(*)035N_ _
17.3
9.2
8
47.0
N
489D476X(*)035N_ _
24.6
13.1
8
0.10
A
489D104X(*)050A_ _
1.0
0.5
4
0.15
A
489D154X(*)050A_ _
1.0
0.5
4
0.22
A
489D224X(*)050A_ _
1.0
0.5
4
0.33
B
489D334X(*)050B_ _
1.0
0.5
4
0.47
B
489D474X(*)050B_ _
1.0
0.5
4
0.68
C
489D684X(*)050C_ _
1.0
0.5
4
1.0
D
489D105X(*)050D_ _
1.0
0.5
4
1.5
E
489D155X(*)050E_ _
1.1
0.6
4
2.2
F
489D225X(*)050F_ _
1.6
0.8
6
3.3
F
489D335X(*)050F_ _
2.4
1.3
6
4.7
H
489D475X(*)050H_ _
3.5
1.8
6
6.8
N
489D685X(*)050N_ _
5.1
2.7
6
10.0
N
489D106X(*)050N_ _
7.5
4.0
8
15.0
N
489D156X(*)050N_ _
11.2
6.0
8
22.0
N
489D226X(*)050N_ _
16.5
8.8
8
Resin-Coated, Radial-Leaded
Solid Tantalum Capacitors


유사한 부품 번호 - 489D

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
489D VISHAY-489D Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
489D VISHAY-489D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
489D686X06R3D1A VISHAY-489D686X06R3D1A Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
More results

유사한 설명 - 489D

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D475X0035D1VE3 VISHAY-489D475X0035D1VE3 Datasheet
119Kb / 9P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision: 12-Jun-06
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
Revision: 12-Jun-06
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
   RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Revision 15-Aug-02
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
logo
RCD COMPONENTS INC.
TRA10-103 RCD-TRA10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com