전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

BL-FL7653XX 데이터시트(HTML) 2 Page - BetLux Electronics

부품명 BL-FL7653XX
상세내용  SUPER FLUX LED LAMP, 4PIN LED
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  BETLUX [BetLux Electronics]
홈페이지  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-FL7653XX 데이터시트(HTML) 2 Page - BetLux Electronics

  BL-FL7653XX 데이터시트 HTML 1Page - BetLux Electronics BL-FL7653XX 데이터시트 HTML 2Page - BetLux Electronics BL-FL7653XX 데이터시트 HTML 3Page - BetLux Electronics BL-FL7653XX 데이터시트 HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPER FLUX LED LAMP, 4PIN LED
BL-FL7653xx
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
C
C
A
A
2.20
(.087)
5.0
CHAMFER
1.25x1.25
(.049x.049)
R0.69
0.20
(.027
008)
.
3.0
(.118)
7.62
0.50
(.300
020)
.
0.40
0.20TYP
(.016
008)
.
2.50
0.50
(.098
020)
.
5.08
0.30
(.200
012)
.
1.55
0.20TYP.
(.061
008)
.
0.50(.020)TYP.
0.76
0.10TYP.
(.030
004)
.
4.40
0.20
(.173
008)
.
7.00
0.20
(.276
008)
.
5.08
0.30
(.200
012)
.
7.62
0.50
(.300
020)
.
4.00
(.157))
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Html Pages

1  2  3  4 


데이터시트 Download

Go To PDF Page


링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn