전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RFPIC12C509AG 데이터시트(PDF) 4 Page - Microchip Technology

부품명 RFPIC12C509AG
상세설명  18/20-Pin 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
Download  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12C509AG 데이터시트(HTML) 4 Page - Microchip Technology

  RFPIC12C509AG Datasheet HTML 1Page - Microchip Technology RFPIC12C509AG Datasheet HTML 2Page - Microchip Technology RFPIC12C509AG Datasheet HTML 3Page - Microchip Technology RFPIC12C509AG Datasheet HTML 4Page - Microchip Technology RFPIC12C509AG Datasheet HTML 5Page - Microchip Technology RFPIC12C509AG Datasheet HTML 6Page - Microchip Technology RFPIC12C509AG Datasheet HTML 7Page - Microchip Technology RFPIC12C509AG Datasheet HTML 8Page - Microchip Technology RFPIC12C509AG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 104 page
background image
rfPIC12C509AG/509AF
DS70031A-page 2
Premilinary
© 2001 Microchip Technology Inc.
CMOS Technology:
• Low power, high speed CMOS EPROM
technology
• Fully static design
• Wide operating voltage range
• Wide temperature range:
- Industrial: -40°C to +85°C
•PICmicro® MCU power consumption:
-< 2 mA @ 5V, 4 MHz
-15
µA typical @ 3V, 32 KHz
-< 1
µA typical standby current
• Transmitter power consumption: (depending on
power selection)
- 4.8 mA to 11.5 mA @ 3V
-<1
µA typical standby current


유사한 부품 번호 - RFPIC12C509AG

제조업체부품명데이터시트상세설명
logo
Microchip Technology
RFPIC12F675 MICROCHIP-RFPIC12F675 Datasheet
2Mb / 136P
   20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2003
RFPIC12F675 MICROCHIP-RFPIC12F675 Datasheet
5Mb / 136P
   FLASH-Based Microcontroller with ASK/FSK Transmitter
11/29/12 2003-2013
RFPIC12F675F MICROCHIP-RFPIC12F675F Datasheet
2Mb / 136P
   20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2003
rfPIC12F675F MICROCHIP-rfPIC12F675F Datasheet
5Mb / 136P
   FLASH-Based Microcontroller with ASK/FSK Transmitter
11/29/12 2003-2013
RFPIC12F675H MICROCHIP-RFPIC12F675H Datasheet
2Mb / 136P
   20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2003
More results

유사한 설명 - RFPIC12C509AG

제조업체부품명데이터시트상세설명
logo
Microchip Technology
RFPIC12F675K MICROCHIP-RFPIC12F675K Datasheet
2Mb / 136P
   20-Pin FLASH-Based 8-Bit CMOS Microcontroller with UHF ASK/FSK Transmitter
2003
logo
ATMEL Corporation
ATAR862-4 ATMEL-ATAR862-4 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-8 ATMEL-ATAR862-8 Datasheet
1Mb / 106P
   Microcontroller with UHF ASK/FSK Transmitter
ATAR862-4 ATMEL-ATAR862-4_06 Datasheet
1Mb / 112P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R4 ATMEL-T48C862-R4 Datasheet
998Kb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
ATA5771 ATMEL-ATA5771 Datasheet
5Mb / 284P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8741 ATMEL-ATA8741 Datasheet
3Mb / 238P
   Microcontroller with UHF ASK/FSK Transmitter
ATAM862-3 ATMEL-ATAM862-3 Datasheet
1Mb / 110P
   Microcontroller with UHF ASK/FSK Transmitter
ATA8743 ATMEL-ATA8743_14 Datasheet
6Mb / 215P
   Microcontroller with UHF ASK/FSK Transmitter
T48C862-R3 ATMEL-T48C862-R3 Datasheet
1Mb / 107P
   Microcontroller with UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com