전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMUX1208 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TMUX1208
상세설명  5-V Bidirectional 8:1, 1-Channel Multiplexer, 5-V Bidirectional 4:1, 2-Channel Multiplexer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1208 데이터시트(HTML) 4 Page - Texas Instruments

  TMUX1208_18 Datasheet HTML 1Page - Texas Instruments TMUX1208_18 Datasheet HTML 2Page - Texas Instruments TMUX1208_18 Datasheet HTML 3Page - Texas Instruments TMUX1208_18 Datasheet HTML 4Page - Texas Instruments TMUX1208_18 Datasheet HTML 5Page - Texas Instruments TMUX1208_18 Datasheet HTML 6Page - Texas Instruments TMUX1208_18 Datasheet HTML 7Page - Texas Instruments TMUX1208_18 Datasheet HTML 8Page - Texas Instruments TMUX1208_18 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
1
N.C.
2
S1A
3
S2A
4
S3A
9
S3B
10
S2B
11
S1B
12
VDD
Not to scale
1
A0
16
A1
2
EN
15
GND
3
N.C.
14
VDD
4
S1A
13
S1B
5
S2A
12
S2B
6
S3A
11
S3B
7
S4A
10
S4B
8
DA
9
DB
Not to scale
4
TMUX1208, TMUX1209
SCDS389C – AUGUST 2018 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: TMUX1208 TMUX1209
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
TMUX1209: PW Package
16-Pin TSSOP
Top View
TMUX1209: RSV Package
16-Pin QFN
Top View
(1)
I = input, O = output, I/O = input and output, P = power
Pin Functions TMUX1209
PIN
TYPE(1)
DESCRIPTION
NAME
TSSOP
UQFN
A0
1
15
I
Address line 0. Controls the switch configuration as shown in Table 2.
EN
2
16
I
Active high logic input. When this pin is low, all switches are turned off. When this pin is high,
the A[1:0] address inputs determine which switch is turned on.
N.C.
3
1
Not Connected
Not Connected
S1A
4
2
I/O
Source pin 1A. Can be an input or output.
S2A
5
3
I/O
Source pin 2A. Can be an input or output.
S3A
6
4
I/O
Source pin 3A. Can be an input or output.
S4A
7
5
I/O
Source pin 4A. Can be an input or output.
DA
8
6
I/O
Drain pin A. Can be an input or output.
DB
9
7
I/O
Drain pin B. Can be an input or output.
S4B
10
8
I/O
Source pin 4B. Can be an input or output.
S3B
11
9
I/O
Source pin 3B. Can be an input or output.
S2B
12
10
I/O
Source pin 2B. Can be an input or output.
S1B
13
11
I/O
Source pin 1B. Can be an input or output.
VDD
14
12
P
Positive power supply. This pin is the most positive power-supply potential. For reliable
operation, connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.
GND
15
13
P
Ground (0 V) reference
A1
16
14
I
Address line 1. Controls the switch configuration as shown in Table 2.


유사한 부품 번호 - TMUX1208_18

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMUX1208-Q1 TI-TMUX1208-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TMUX1208-Q1 5-V Bidirectional 8:1 Multiplexer with 1.8-V Logic
TMUX1208PWR TI1-TMUX1208PWR Datasheet
546Kb / 25P
[Old version datasheet]   5-V General Purpose, Analog Multiplexer
TMUX1208QRSVRQ1 TI-TMUX1208QRSVRQ1 Datasheet
1Mb / 32P
[Old version datasheet]   TMUX1208-Q1 5-V Bidirectional 8:1 Multiplexer with 1.8-V Logic
TMUX1208RSVR TI1-TMUX1208RSVR Datasheet
546Kb / 25P
[Old version datasheet]   5-V General Purpose, Analog Multiplexer
More results

유사한 설명 - TMUX1208_18

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TMUX1208-Q1 TI-TMUX1208-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   TMUX1208-Q1 5-V Bidirectional 8:1 Multiplexer with 1.8-V Logic
TS5A3160 TI-TS5A3160_09 Datasheet
683Kb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3154 TI-TS5A3154_10 Datasheet
781Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI1-TS5A3153_14 Datasheet
1Mb / 28P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160DCKJ TI-TS5A3160DCKJ Datasheet
681Kb / 30P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153_09 Datasheet
759Kb / 26P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3153 TI-TS5A3153_15 Datasheet
963Kb / 27P
[Old version datasheet]   5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
ON Semiconductor
MC10E158 ONSEMI-MC10E158_16 Datasheet
154Kb / 8P
   5V ECL 5?륛it 2:1 Multiplexer
July, 2016 ??Rev. 10
logo
Texas Instruments
TMUX1308 TI-TMUX1308_V01 Datasheet
2Mb / 42P
[Old version datasheet]   TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
TMUX1308 TI-TMUX1308_V02 Datasheet
2Mb / 42P
[Old version datasheet]   TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com