전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA2822CDTF 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 KA2822CDTF
상세설명  3-Phase BLDC Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA2822CDTF 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button KA2822CDTF Datasheet HTML 2Page - Fairchild Semiconductor KA2822CDTF Datasheet HTML 3Page - Fairchild Semiconductor KA2822CDTF Datasheet HTML 4Page - Fairchild Semiconductor KA2822CDTF Datasheet HTML 5Page - Fairchild Semiconductor KA2822CDTF Datasheet HTML 6Page - Fairchild Semiconductor KA2822CDTF Datasheet HTML 7Page - Fairchild Semiconductor KA2822CDTF Datasheet HTML 8Page - Fairchild Semiconductor KA2822CDTF Datasheet HTML 9Page - Fairchild Semiconductor KA2822CDTF Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
KA2822CD
6
Equivalent Circuits
Index pulse width detection output
Phase compensation and current detection 1, 2
RPM select input
AGC input
Index output
Index burst output
(3Pin)
2k
2k
vcc
vcc
(17Pin,
26Pin)
(15Pin)
vcc
vcc vcc vcc vcc
vcc
6k
(11Pin)
vcc
vcc
AGC
(2Pin)
To U amp, V amp
(Current control)
vcc
vcc
vcc
(6Pin)
vcc
vcc
1.4V
2k
(5Pin)
vcc
vcc


유사한 부품 번호 - KA2822CDTF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA2822BD FAIRCHILD-KA2822BD Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA2822BDTF FAIRCHILD-KA2822BDTF Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA2822DTF FAIRCHILD-KA2822DTF Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results

유사한 설명 - KA2822CDTF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
KA3011BD FAIRCHILD-KA3011BD Datasheet
317Kb / 16P
   3-Phase BLDC Motor Driver
logo
KODENSHI_AUK CORP.
S3313 KODENSHI-S3313 Datasheet
464Kb / 17P
   3 phase BLDC Motor Driver IC
logo
Princeton Technology Co...
PT2431 PTC-PT2431 Datasheet
201Kb / 5P
   3-Phase Sensorless BLDC Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM6807 AMTEK-AM6807 Datasheet
648Kb / 29P
   3 Phase BLDC Motor Pre-Driver
JUN. 2008 V1.22
logo
Fairchild Semiconductor
FAN8400D FAIRCHILD-FAN8400D Datasheet
67Kb / 14P
   3-Phase BLDC Motor Driver with PLL
FAN8403D3 FAIRCHILD-FAN8403D3 Datasheet
80Kb / 12P
   3-Phase BLDC Motor Driver with PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com