전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

74VCX08BQX 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 74VCX08BQX
부품 상세설명  Low Voltage Quad 2-Input AND Gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX08BQX 데이터시트(HTML) 5 Page - ON Semiconductor

  74VCX08BQX Datasheet HTML 1Page - ON Semiconductor 74VCX08BQX Datasheet HTML 2Page - ON Semiconductor 74VCX08BQX Datasheet HTML 3Page - ON Semiconductor 74VCX08BQX Datasheet HTML 4Page - ON Semiconductor 74VCX08BQX Datasheet HTML 5Page - ON Semiconductor 74VCX08BQX Datasheet HTML 6Page - ON Semiconductor 74VCX08BQX Datasheet HTML 7Page - ON Semiconductor 74VCX08BQX Datasheet HTML 8Page - ON Semiconductor 74VCX08BQX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
DC Electrical Characteristics
Symbol
Parameter
VCC (V)
Conditions
Min
Max
Units
VIH
HIGH Level Input Voltage
2.7–3.6
2.0
V
2.3–2.7
1.6
1.65–2.3
0.65 × VCC
1.4–1.6
0.65 × VCC
1.2
0.65 × VCC
VIL
LOW Level Input Voltage
2.7–3.6
0.8
V
2.3–2.7
0.7
1.65–2.3
0.35 × VCC
1.4–1.6
0.35 × VCC
1.2
0.05 x VCC
VOH
HIGH Level Output Voltage
2.7–3.6
IOH = –100µA
VCC – 0.2
V
2.7
IOH = –12mA
2.2
3.0
IOH = –18mA
2.4
3.0
IOH = –24mA
2.2
2.3–2.7
IOH = –100µA
VCC – 0.2
2.3
IOH = –6mA
2.0
2.3
IOH = –12mA
1.8
2.3
IOH = –18mA
1.7
1.65–2.3
IOH = –100µA
VCC – 0.2
1.65
IOH = –6mA
1.25
1.4–1.6
IOH = –100µA
VCC – 0.2
1.4
IOH = –2mA
1.05
1.2
IOH = –100µA
VCC – 0.2
VOL
LOW Level Output Voltage
2.7–3.6
IOL = 100µA
0.2
V
2.7
IOL = 12mA
0.4
3.0
IOL = 18mA
0.4
3.0
IOL = 24mA
0.55
2.3–2.7
IOL = 100µA
0.2
2.3
IOL = 12mA
0.4
2.3
IOL = 18mA
0.6
1.65–2.3
IOL = 100µA
0.2
1.65
IOL = 6mA
0.2
1.4–1.6
IOL = 100µA
0.2
1.4
IOL = 2mA
0.35
1.2
IOL = 100µA
0.05
II
Input Leakage Current
1.2–3.6
0 ≤ VI ≤ 3.6V
±5.0
µA
IOFF
Power-OFF Leakage Current
0
0 ≤ (VI, VO) ≤ 3.6V
10
µA
ICC
Quiescent Supply Current
1.2–3.6
VI = VCC or GND
20
µA
VCC ≤ VI ≤ 3.6V
±20
∆ICC
Increase in ICC per Input
2.7–3.6
VIH = VCC –0.6V
750
µA
74VCX08 Rev. 1.9.1
4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn