전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VCX08MTC 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 74VCX08MTC
상세설명  Low Voltage Quad 2-Input AND Gate
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCX08MTC 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button 74VCX08MTC Datasheet HTML 2Page - ON Semiconductor 74VCX08MTC Datasheet HTML 3Page - ON Semiconductor 74VCX08MTC Datasheet HTML 4Page - ON Semiconductor 74VCX08MTC Datasheet HTML 5Page - ON Semiconductor 74VCX08MTC Datasheet HTML 6Page - ON Semiconductor 74VCX08MTC Datasheet HTML 7Page - ON Semiconductor 74VCX08MTC Datasheet HTML 8Page - ON Semiconductor 74VCX08MTC Datasheet HTML 9Page - ON Semiconductor 74VCX08MTC Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
©1999 Fairchild Semiconductor Corporation
www.fairchildsemi.com
AC Electrical Characteristics(4)
Note:
4. For CL = 50pF, add approximately 300ps to the AC Maximum specification.
5. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate
outputs of the same device. The specification applies to any outputs switching in the same direction, either
HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Capacitance
Symbol
Parameter
VCC (V)
Conditions
TA = –40°C to
+85°C
Units
Figure
Number
Min.
Max.
tPHL, tPLH
Propagation Delay
3.3 ± 0.3
CL = 30pF, RL = 500Ω
0.6
2.8
ns
Fig. 1
Fig. 2
2.5 ± 0.2
0.8
3.7
1.8 ± 0.15
1.0
7.4
1.5 ± 0.1
CL = 15pF, RL = 2kΩ
1.0
14.8
Fig. 3
Fig. 4
1.2
1.5
37.0
tOSHL, tOSLH Output to Output
Skew(5)
3.3 ± 0.3
CL = 30pF, RL = 500Ω
0.5
ns
2.5 ± 0.2
0.5
1.8 ± 0.15
0.75
1.5 ± 0.1
CL = 15pF, RL = 2kΩ
1.5
1.2
1.5
Symbol
Parameter
VCC (V)
Conditions
TA = 25°C
Unit
Typical
VOLP
Quiet Output Dynamic Peak VOL
1.8
CL = 30pF, VIH = VCC,
VIL = 0V
0.25
V
2.5
0.6
3.3
0.8
VOLV
Quiet Output Dynamic Valley VOL
1.8
CL = 30pF, VIH = VCC,
VIL = 0V
–0.25
V
2.5
–0.6
3.3
–0.8
VOHV
Quiet Output Dynamic Valley VOH
1.8
CL = 30pF, VIH = VCC,
VIL = 0V
1.5
V
2.5
1.9
3.3
2.2
Symbol
Parameter
Conditions
TA = +25°C
Units
Typical
CIN
Input Capacitance
VI = 0V or VCC, VCC = 1.8V, 2.5V or 3.3V
6.0
pF
COUT
Output Capacitance
VI = 0V or VCC, VCC = 1.8V, 2.5V or 3.3V
7.0
pF
CPD
Power Dissipation
Capacitance
VI = 0V or VCC, f = 10MHz, VCC = 1.8V, 2.5V or 3.3V
20.0
pF
74VCX08 Rev. 1.9.1
5


유사한 부품 번호 - 74VCX08MTC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74VCX08MTC FAIRCHILD-74VCX08MTC Datasheet
63Kb / 10P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
logo
ON Semiconductor
74VCX08MTC ONSEMI-74VCX08MTC Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
logo
Fairchild Semiconductor
74VCX08MTCX FAIRCHILD-74VCX08MTCX Datasheet
63Kb / 10P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
74VCX08MTCX_NL FAIRCHILD-74VCX08MTCX_NL Datasheet
63Kb / 10P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
74VCX08MTC FAIRCHILD-74VCX08MTC_08 Datasheet
732Kb / 12P
   Low Voltage Quad 2-Input AND Gate with 3.6V Tolerant Inputs and Outputs
More results

유사한 설명 - 74VCX08MTC

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08_14 Datasheet
173Kb / 7P
   Low Voltage Quad 2-Input AND Gate
74LVX08 FAIRCHILD-74LVX08_08 Datasheet
307Kb / 8P
   Low Voltage Quad 2-Input AND Gate
74LVQ08 FAIRCHILD-74LVQ08 Datasheet
63Kb / 6P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74LVX08 ONSEMI-74LVX08 Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input AND Gate
74LVQ08 FAIRCHILD-74LVQ08_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74ALVC08 ONSEMI-74ALVC08 Datasheet
200Kb / 6P
   Low Voltage Quad 2-Input AND Gate
Revised February 2005
74VCX86 ONSEMI-74VCX86 Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
logo
Motorola, Inc
MC74LCX08 MOTOROLA-MC74LCX08 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
MC74LVQ08 MOTOROLA-MC74LVQ08 Datasheet
178Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com