전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-Q100-PQ000 데이터시트(PDF) 5 Page - Agilent(Hewlett-Packard)

부품명 HLMP-Q100-PQ000
상세설명  Subminiature LED Lamps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-Q100-PQ000 데이터시트(HTML) 5 Page - Agilent(Hewlett-Packard)

  HLMP-Q100-PQ000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-Q100-PQ000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-Q100-PQ000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-Q100-PQ000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-Q100-PQ000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-Q100-PQ000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-Q100-PQ000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-Q100-PQ000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-Q100-PQ000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Electrical/Optical Characteristics, TA = 25
°C
Standard Red
Device
HLMP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
6000-E00xx
0.63
1.2
6000-G00xx
Luminous Intensity[1]
IV
1.60
3.2
mcd
IF = 10 mA
P005-F00xx
1.0
2.5
Forward Voltage
VF
1.4
1.6
2.0
V
IF = 10 mA
All
Reverse Breakdown
VR
5.0
12.0
V
IR = 100 µA
Voltage
6000
Included Angle Between
2q1/2
90
Deg.
P005
Half Intensity Points[2]
125
Peak Wavelength
lPEAK
655
nm
Dominant Wavelength[3]
ld
640
nm
Spectral Line Half Width
Dl1/2
24
nm
All
Speed of Response
ts
15
ns
Capacitance
C
100
pF
VF = 0; f = 1 MHz
Thermal Resistance
RqJ-PIN
170
°C/W
Junction-to-Cathode Lead
Luminous Efficacy[4]
hv
65
lm/W


유사한 부품 번호 - HLMP-Q100-PQ000

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Q100 AVAGO-HLMP-Q100 Datasheet
240Kb / 16P
   Subminiature LED Lamps nondiff used dome for high brightness
logo
Broadcom Corporation.
HLMP-Q100 BOARDCOM-HLMP-Q100 Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
More results

유사한 설명 - HLMP-Q100-PQ000

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Q105-P0031 AVAGO-HLMP-Q105-P0031 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6400-F0011 AVAGO-HLMP-6400-F0011 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-7019 AVAGO-HLMP-7019 Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-PXXX BOARDCOM-HLMP-PXXX Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6820-F0010 AVAGO-HLMP-6820-F0010 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6620-F001S AVAGO-HLMP-6620-F001S Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-P106 BOARDCOM-HLMP-P106 Datasheet
668Kb / 11P
   Subminiature High-Performance Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com