전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD-700-KAC-GDB-XX.XXX 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 CD-700-KAC-GDB-XX.XXX
상세설명  Complete VCXO Based Phase Lock Loop
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

CD-700-KAC-GDB-XX.XXX 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CD-700-KAC-GDB-XX.XXX Datasheet HTML 4Page - List of Unclassifed Manufacturers CD-700-KAC-GDB-XX.XXX Datasheet HTML 5Page - List of Unclassifed Manufacturers CD-700-KAC-GDB-XX.XXX Datasheet HTML 6Page - List of Unclassifed Manufacturers CD-700-KAC-GDB-XX.XXX Datasheet HTML 7Page - List of Unclassifed Manufacturers CD-700-KAC-GDB-XX.XXX Datasheet HTML 8Page - List of Unclassifed Manufacturers CD-700-KAC-GDB-XX.XXX Datasheet HTML 9Page - List of Unclassifed Manufacturers CD-700-KAC-GDB-XX.XXX Datasheet HTML 10Page - List of Unclassifed Manufacturers CD-700-KAC-GDB-XX.XXX Datasheet HTML 11Page - List of Unclassifed Manufacturers CD-700-KAC-GDB-XX.XXX Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
CD-700, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel:1-88-VECTRON-1
Website: www.vectron.com
Page 8 of 14
Rev : 06Jul05
Figure 7. SPICE Model
*****CD-700 ac Loop model
vi 1 0 ac 1
ri 1 0 1k
*****Phase Detector
e1 2 0 1 0 1
(for closed loop response use: e1 2 0 1 12 1)
r2 2 3 30k
c1 3 0 60p
*****Phase Detector Gain=0.53 x Data Density (Data Density = 1 for clocks) for 5 volt
operation and = 0.35 x Data Density for 3.3 volt operation
e2 4 0 3 0 .35
*****Loop filter
r1 4 5 60k
c2 5 0 10p
rf 5 6 90k
cf 6 7 1.0u
e3 7 0 5 0 –10000
***** VCXO, Input Bandwidth=50kHz
r5 7 8 160k
c4 8 0 20p
*****VCXO Gain x 2
∏ (Example: 19.440 MHz x 100 ppm x 2 x ∏)
e4 9 0 8 0 12214
*****1/S model
r6 9 10 1000
c5 10 11 0.001u
e5 11 0 10 0 –1e
6
****Divide by n
e6 12 0 11 0 1
r7 12 0 1k
The bold numbers are user selectable R and C values that will vary depending
on the application (see Figure 11).
Vi
Ri
E1 R2 C1
E2 R1
C2
Rf
Cf
E3
R5 C4
E4
R6 C5
E5
E6
R7
1
2
3
4
5
6
7
8
9
10
11
12


유사한 부품 번호 - CD-700-KAC-GDB-XX.XXX

제조업체부품명데이터시트상세설명
logo
Vectron International, ...
CD-700-KAC-GDB-77.760 VECTRON-CD-700-KAC-GDB-77.760 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
More results

유사한 설명 - CD-700-KAC-GDB-XX.XXX

제조업체부품명데이터시트상세설명
logo
Vectron International, ...
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
   Complete VCXO Based Phase Lock Loop
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
   Complete VCXO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
   Complete VCXO Based Phase Lock Loop
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
   Complete VCXO based Phase-Locked Loop
TRU050 VECTRON-TRU050_09 Datasheet
184Kb / 15P
   Complete VCXO based Phase-Locked Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
   Complete VCSO Based Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046 Datasheet
221Kb / 16P
   CMOS Phase Lock Loop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com