전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

PA47-CADY01 데이터시트(PDF) 1 Page - P-tec Corporation

부품명 PA47-CADY01
상세설명  PA47 Alphanumeric 0.39 Display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  P-TEC [P-tec Corporation]
홈페이지  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PA47-CADY01 데이터시트(HTML) 1 Page - P-tec Corporation

  PA47-CADY01 Datasheet HTML 1Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PA47 Alphanumeric 0.39” Display
Features
Electrical & Optical Characteristics at TA = 25 °C
Part Number
Emitting
Color
Chip
Material
Dominant
Wave
Length
Peak
Wave
Length
Forward
Voltage
@20mA (V)
Luminous
Intensity
@10mA (mcd)
Common Anode
Common Cathode
nm
Typ
Max
Min
Typ
PA47-CADY01
PA47-CCDY01
Yellow
GaAsP
590
585
2.1
2.6
1.5
4.0
nm
*Single Digit 0.39” (10.0mm) Display
*GaAsP Yellow chips used
*Direct Drive with 18 Pins
*Gray Face, White Segments
*Low Current Requirements
*High Light Output
*IC Compatible
*High Reliability
*RoHS Compliant
Absolute Maximum Ratings at TA = 25 °C
Reverse Voltage (<100 µA)…………..………….…….….………………………. 5.0V
Max Forward Current…………..……………………………………..….….… 30mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)…………………..…… 100mA
Operating Temperature Range…………………………….……..….. -25°C to +85°C
Storage Temperature Range……………………….….…………..… -40°C to +100°C
Soldering Temperature (1.6mm below body)………………………....…...…. 260° for 5 seconds
Power Dissipation…………………………………………………………...… 78mW
All Dimensions are in Millimeters. Tolerance is ± 0.25mm unless otherwise specified. The Slope Angle of any Pin maybe ± 5° max.
Function of Pin #
Common Anode
Pin
#
Common Cathode
Pin
#
1 Cathode I
2 Cathode H
3 Cathode F
4 Common Anode
5 Cathode G1
6 Cathode E
7 Cathode M
8 Cathode D
9 Cathode L
10 Cathode K
11 Cathode C
12 Cathode DP
13 Common Anode
14 Cathode G2
15 Cathode B
16 Cathode J
17 Common Anode
18 Cathode A
1 Anode I
2 Anode H
3 Anode F
4 Common Cathode
5 Anode G1
6 Anode E
7 Anode M
8 Anode F
9 Anode L
10 Anode K
11 Anode C
12 Anode DP
13 Common Cathode
14 Anode G2
15 Anode B
16 Anode J
17 Common Cathode
18 Anode A
Tel:(8
66)695-4162
Tel:(719) 589 3122
Fax:(719) 589 3592
www.p-tec.net
sales@p-tec.net
P-tec Corp.
2405 Commerce Circle
Alamosa
, CO 81101
1-16-08 Rev 0 RS
23.6
7.0
9.9
6.30
10.0
10.0°
Ø1.2
1.0
+1
+9
10+
18+
DP
7.62
2.54x8=20.32
3.5Min.
0.25
0.5
A
B
C
D
E
F
G1
G2
HI
J
K
L
M


유사한 부품 번호 - PA47-CADY01

제조업체부품명데이터시트상세설명
P-tec Corporation
P-tec Corporation
PA47-CADG13 P-TEC-PA47-CADG13 Datasheet
202Kb / 6P
   Low power consumption
PA47-CADR12 P-TEC-PA47-CADR12 Datasheet
79Kb / 1P
   PA47 Alphanumeric 0.39 Display
More results

유사한 설명 - PA47-CADY01

제조업체부품명데이터시트상세설명
P-tec Corporation
P-tec Corporation
PA47-CADR12 P-TEC-PA47-CADR12 Datasheet
79Kb / 1P
   PA47 Alphanumeric 0.39 Display
Kingbright Corporation
Kingbright Corporation
PSC39-21EWA KINGBRIGHT-PSC39-21EWA Datasheet
131Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA39-21YWA KINGBRIGHT-PSA39-21YWA Datasheet
130Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC39-21YWA KINGBRIGHT-PSC39-21YWA Datasheet
131Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA39-21EWA KINGBRIGHT-PSA39-21EWA Datasheet
73Kb / 3P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA39-21GWA KINGBRIGHT-PSA39-21GWA Datasheet
84Kb / 3P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA39-21GWA KINGBRIGHT-PSA39-21GWA_11 Datasheet
232Kb / 6P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
BRIGHT LED ELECTRONICS CORP
BRIGHT LED ELECTRONICS ...
BS-C345RD-B BRIGHT-BS-C345RD-B Datasheet
166Kb / 3P
   0.39(10.00MM) high single DIGIT 14-segments alphanumeric DISPLAY
Kingbright Corporation
Kingbright Corporation
PSC39-21GWA KINGBRIGHT-PSC39-21GWA Datasheet
131Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA39-21SRWA KINGBRIGHT-PSA39-21SRWA Datasheet
129Kb / 4P
   9.9mm (0.39 INCH) 14 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com