전자부품 데이터시트 검색엔진 |
|
HLMP-6500-F0000 데이터시트(PDF) 11 Page - Agilent(Hewlett-Packard) |
|
HLMP-6500-F0000 데이터시트(HTML) 11 Page - Agilent(Hewlett-Packard) |
11 / 16 page 11 Emerald Green[1] Device HLMP- Parameter Symbol Min. Typ. Max. Units Test Conditions P605-F00xx 1.0 1.5 Q600-F00xx Luminous Intensity IV 1.0 1.5 mcd IF = 10 mA Q605-F00xx 1.0 7.5 All Forward Voltage VF 2.2 3.0 V IF = 10 mA Reverse Breakdown Voltage VR 5.0 V IR = 100 µA P605 Included Angle Between 2q1/2 125 Deg. Q60x Half Intensity Points[2] 90 Peak Wavelength lPEAK 558 nm Dominant Wavelength[3] ld 560 nm Measured at Peak Spectral Line Half Width Dl1/2 24 nm P605/Q600 Speed of Response ts 3100 ns Capacitance C 35 pF VF = 0; f = 1 MHz Thermal Resistance RqJ-PIN 170 °C/W Junction-to-Cathode Lead Luminous Efficacy[4] hV 656 lm/W Note: 1. Please refer to Application Note 1061 for information comparing standard green and emerald green light output degradation. |
유사한 부품 번호 - HLMP-6500-F0000 |
|
유사한 설명 - HLMP-6500-F0000 |