전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC28G03G 데이터시트(PDF) 9 Page - List of Unclassifed Manufacturers

부품명 MC28G03G
상세설명  LCD MODULE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

MC28G03G 데이터시트(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MC28G03G Datasheet HTML 5Page - List of Unclassifed Manufacturers MC28G03G Datasheet HTML 6Page - List of Unclassifed Manufacturers MC28G03G Datasheet HTML 7Page - List of Unclassifed Manufacturers MC28G03G Datasheet HTML 8Page - List of Unclassifed Manufacturers MC28G03G Datasheet HTML 9Page - List of Unclassifed Manufacturers MC28G03G Datasheet HTML 10Page - List of Unclassifed Manufacturers MC28G03G Datasheet HTML 11Page - List of Unclassifed Manufacturers MC28G03G Datasheet HTML 12Page - List of Unclassifed Manufacturers MC28G03G Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
7. Optical Characteristics
7.1 Optical Characteristics of LCD
Ta= 25°C.(Backlight On)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Remark
X axle
-
60
-
Viewing Angle Range
φ1, φ2 CR≥2
Y axle
-
35
-
Deg.
Note 1,2
Contrast Ratio
CR
φ=0°
-
50
-
-
Note 3,4
Rise
tr
θ=0°,φ=0°
-
190
-
ms
Response Time
Fall
tf
θ=0°,φ=0°
-
110
-
ms
Note 5
x
0.51
0.56
0.61
-
R
y
0.30
0.35
0.40
-
x
0.25
0.30
0.35
-
G
y
0.48
0.53
0.58
-
x
0.10
0.15
0.20
-
B
y
0.16
0.21
0.26
-
x
0.27
0.32
0.37
-
Color Tone
(CIE Coordinate)
W
y
θ=0°,φ=0°
0.30
0.35
0.40
-
Display Corporation
Ver.: 1
This specification is the property of Arima Display Corporation , any copy or reproduction without permission is prohibited.
Date: 2003.10.15
Page: 9
Module No. : MC28G03G
θ
X‘
φ2
X
φ1
Y(
θ=0°)
Y(
θ=180°)
Eye from (
θ,φ1
)
Eye from (
θ,φ2)
Note 1. Definition of
θ and φ
Note 2. Definition of Viewing angle
φ1 and φ2
φ1
CR vs Viewing and
φ
φ2
φ1<0°<φ2
2.0
CR


유사한 부품 번호 - MC28G03G

제조업체부품명데이터시트상세설명
logo
SL Power Electronics
MC28-2-A SLPOWER-MC28-2-A Datasheet
374Kb / 7P
   DC Power Supplies
MC28-2-A SLPOWER-MC28-2-A Datasheet
720Kb / 7P
   Commercial/Medical International Linears
logo
List of Unclassifed Man...
MC2800 ETC1-MC2800 Datasheet
1Mb / 63P
   Technical Specifications Multiple Motor Type
logo
Motorola, Inc
MC2800EVK MOTOROLA-MC2800EVK Datasheet
225Kb / 10P
   FLEX Paging RF/IF Receiver Board
MC2800SYNEVK MOTOROLA-MC2800SYNEVK Datasheet
261Kb / 11P
   FLEX Paging RF/IF Frequency Synthesizer Receiver
More results

유사한 설명 - MC28G03G

제조업체부품명데이터시트상세설명
logo
HYES Optoelectronics, I...
HT5711LH-T HYES-HT5711LH-T Datasheet
777Kb / 22P
   LCD MODULE
logo
Sharp Corporation
LS027B7DH01 SHARP-LS027B7DH01 Datasheet
777Kb / 32P
   LCD Module
logo
List of Unclassifed Man...
MC-162-4 ETC1-MC-162-4 Datasheet
66Kb / 1P
   LCD MODULE
logo
OPTREX CORPORATION
DMC40457 OPTREX-DMC40457 Datasheet
166Kb / 15P
   LCD Module
logo
AZ Displays
AGM2464D AZDISPLAYS-AGM2464D Datasheet
545Kb / 14P
   LCD MODULE
AGM4832C AZDISPLAYS-AGM4832C Datasheet
430Kb / 14P
   LCD MODULE
logo
List of Unclassifed Man...
TM242ADA6 ETC-TM242ADA6 Datasheet
310Kb / 23P
   LCD MODULE
DEM16101H ETC-DEM16101H Datasheet
203Kb / 15P
   LCD MODULE
TM164ABA ETC-TM164ABA Datasheet
353Kb / 23P
   LCD MODULE
logo
Purdy Electronics Corpo...
AND3222MST2 PURDY-AND3222MST2 Datasheet
187Kb / 4P
   LCD Module
logo
AZ Displays
AGM1212C AZDISPLAYS-AGM1212C Datasheet
584Kb / 13P
   LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com