전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5233BRU100-REEL7 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD5233BRU100-REEL7
상세설명  Nonvolatile Memory Digital Potentiometers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5233BRU100-REEL7 데이터시트(HTML) 5 Page - Analog Devices

  AD5233BRU100-REEL7 Datasheet HTML 1Page - Analog Devices AD5233BRU100-REEL7 Datasheet HTML 2Page - Analog Devices AD5233BRU100-REEL7 Datasheet HTML 3Page - Analog Devices AD5233BRU100-REEL7 Datasheet HTML 4Page - Analog Devices AD5233BRU100-REEL7 Datasheet HTML 5Page - Analog Devices AD5233BRU100-REEL7 Datasheet HTML 6Page - Analog Devices AD5233BRU100-REEL7 Datasheet HTML 7Page - Analog Devices AD5233BRU100-REEL7 Datasheet HTML 8Page - Analog Devices AD5233BRU100-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PRELIMINARY TECHNICAL DATA
Nonvolatile Memory Digital Potentiometers
AD5231/AD5232/AD5233
REV PrF
5
22 MAR '01
Information contained in this Preliminary data sheet describes a product in the early definition stage. There is no guarantee that the
information contained here will become a final product in its present form. For latest information contact Walt Heinzer/Analog Devices, Santa
Clara, CA. TEL(408)382-3107; FAX (408)382-2708; walt.heinzer@analog.com
AD5231 PIN CONFIGURATION
O1
CLK
SDI
SDO
GND
VSS
T1
B1
O2
RDY
CS
CS
CS
CS
PR
PR
PR
PR
WP
WP
WP
WP
VDD
A1
W1
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AD5231 PIN FUNCTION DESCRIPTION
#
Name
Description
1
O1
Non-Volatile Digital Output #1, ADDR(O1) =
1H, data bit position D0
2
CLK
Serial Input Register clock pin. Shifts in one
bit at a time on positive clock CLK edges.
3
SDI
Serial Data Input Pin.
4
SDO
Serial Data Output Pin. Open Drain Output
requires external pull-up resistor. Commands 9
& 10 activate the SDO output. See Instruction
operation Truth Table. Other commands shift
out the previously loaded bit pattern delayed
by 24 clock pulses. This allows daisy-chain
operation of multiple packages.
5
GND
Ground pin, logic ground reference.
6
VSS
Negative Supply. Connect to zero volts for
single supply applications.
7
T1
Used as digital input during factory test mode.
Leave pin floating or connect to VDD or VSS.
8
B1
B terminal of RDAC1.
9
W1
Wiper terminal of RDAC1,
ADDR(RDAC1) = 0H
10
A1
A terminal of RDAC1.
11
VDD
Positive Power Supply Pin. Should be
≥ the
input-logic HIGH voltage.
12
WP
Write Protect Pin. When active low
WP
prevents any changes to the present contents
except retrieving EEMEM contents and
RESET.
13
PR
Hardware over ride preset pin. Refreshes the
scratch pad register with current contents of
the EEMEM register. Factory default loads
midscale 200H until EEMEM loaded with a
new value by the user (
PR is activated at the
rising logic high transition)
14
CS
Serial Register chip select active low. Serial
register operation takes place when
CS returns
to logic high.
15
RDY
Ready. Active-high open drain output.
Identifies completion of commands 2, 3, 8, 9,
10.
16
O2
Non-Volatile Digital Output #2, ADDR(O2) =
1H, data bit position D1.
AD5232 PIN CONFIGURATION
CLK
SDI
SDO
GND
VSS
A1
W1
B1
RDY
CS
CS
CS
CS
PR
PR
PR
PR
WP
WP
WP
WP
VDD
A2
W2
B2
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AD5232 PIN FUNCTION DESCRIPTION
#
Name
Description
1
CLK
Serial Input Register clock pin. Shifts in one
bit at a time on positive clock edges.
2
SDI
Serial Data Input Pin. Shifts in one bit at a
time on positive clock CLK edges.
3
SDO
Serial Data Output Pin. Open Drain Output
requires external pull-up resistor. Commands 9
& 10 activate the SDO output. See Instruction
operation Truth Table. Other commands shift
out the previously loaded bit pattern delayed
by 16 clock pulses. This allows daisy-chain
operation of multiple packages.
4
GND
Ground pin, logic ground reference
5
VSS
Negative Supply. Connect to zero volts for
single supply applications.
6
A1
A terminal of RDAC1.
7
W1
Wiper terminal of RDAC1,
ADDR(RDAC1) = 0H.
8
B1
B terminal of RDAC1.
9
B2
B terminal of RDAC2.
10
W2
Wiper terminal of RDAC2,
ADDR(RDAC2) = 1H.
11
A2
A terminal of RDAC2.
12
VDD
Positive Power Supply Pin. Should be
≥ the
input-logic HIGH voltage.
13
WP
Write Protect Pin. When active low,
WP
prevents any changes to the present contents,
except retrieving EEMEM content and
RESET.
14
PR
Hardware over ride preset pin. Refreshes the
scratch pad register with current contents of
the EEMEM register. Factory default loads
midscale 80H until EEMEM loaded with a new
value by the user (
PR is activated at the logic
high transition).
15
CS
Serial Register chip select active low. Serial
register operation takes place when
CS returns
to logic high.
16
RDY
Ready. Active-high open drain output.
Identifies completion of commands 2, 3, 8, 9,
10.


유사한 부품 번호 - AD5233BRU100-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5233 AD-AD5233 Datasheet
664Kb / 16P
   2-Channel, 256-Position Digital Potentiometer
REV. 0
AD5233 AD-AD5233 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5233 AD-AD5233 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results

유사한 설명 - AD5233BRU100-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5253 AD-AD5253_12 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com