전자부품 데이터시트 검색엔진 |
|
6N137V 데이터시트(PDF) 7 Page - Fairchild Semiconductor |
|
6N137V 데이터시트(HTML) 7 Page - Fairchild Semiconductor |
7 / 12 page 7 www.fairchildsemi.com Single-channel: 6N137, HCPL-2601, HCPL-2611 Dual-Channel: HCPL-2630, HCPL-2631 Rev. 1.0.3 47 PHL t F I = 7.5 mA 1.5 V 90% 10% 7.5 mA +5V 1.5 V 3.0 V 1.5 V 3 2 1 4 8 7 6 5 4 5 Pulse 1 2 3 Generator tr = 5ns Z = 50 Ω O 8 7 6 +5V GND PLH t I = 3.75 mA F Output O (V ) Input (I ) F Output (V ) O f t r t CC V Output (V ) O L R C L (I ) Input F Monitor O Z = 50 Ω Pulse Generator tr = 5ns (V ) E Input Monitor GND V CC O (V ) Output L R L C (V ) Output O Input (V ) E EHL tt ELH bypass .1 µf bypass .1 µf Fig. 12 Test Circuit and Waveforms for tPLH, tPHL, tr and tf. Fig. 13 Test Circuit tEHL and tELH. |
유사한 부품 번호 - 6N137V |
|
유사한 설명 - 6N137V |