전자부품 데이터시트 검색엔진 |
|
MC14467-1 데이터시트(PDF) 7 Page - Freescale Semiconductor, Inc |
|
MC14467-1 데이터시트(HTML) 7 Page - Freescale Semiconductor, Inc |
7 / 8 page Sensors Freescale Semiconductor 7 MC14467-1 PACKAGE DIMENSIONS CASE 648-08 ISSUE R 16-LEAD PLASTIC DIP NOTES: 1. 2. 3. 4. 5. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. CONTROLLING DIMENSION: INCH. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. DIMENSION B DOES NOT INCLUDE MOLD FLASH. ROUNDED CORNERS OPTIONAL. -A- B F C S H G D 16 PL J L M SEATING PLANE 18 9 16 K -T- M A M 0.25 (0.010) T DIM MIN MAX MIN MAX MILLIMETERS INCHES A 0.740 0.770 18.80 19.55 B 0.250 0.270 6.35 6.85 C 0.145 0.175 3.69 4.44 D 0.015 0.021 0.39 0.53 F 0.040 0.70 1.02 1.77 G 0.100 BSC 2.54 BSC H 0.050 BSC 1.27 BSC J 0.008 0.015 0.21 0.38 K 0.110 0.130 2.80 3.30 L 0.295 0.305 7.50 7.74 M 010 0 10 S 0.020 0.040 0.51 1.01 STYLE 1: PIN 1. CATHODE 2. CATHODE 3. CATHODE 4. CATHODE 5. CATHODE 6. CATHODE 7. CATHODE 8. CATHODE 9. ANODE 10. ANODE 11. ANODE 12. ANODE 13. ANODE 14. ANODE 15. ANODE 16. ANODE STYLE 2: PIN 1. COMMON DRAIN 2. COMMON DRAIN 3. COMMON DRAIN 4. COMMON DRAIN 5. COMMON DRAIN 6. COMMON DRAIN 7. COMMON DRAIN 8. COMMON DRAIN 9. GATE 10. SOURCE 11. GATE 12. SOURCE 13. GATE 14. SOURCE 15. GATE 16. SOURCE |
유사한 부품 번호 - MC14467-1 |
|
유사한 설명 - MC14467-1 |