전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N6281CA 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 1N6281CA
상세설명  Transient Voltage Suppressor Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N6281CA 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N6281CA Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N6281CA Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N6281CA Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
- 576 -
- 576 -
1.5KE SERIES
Transient Voltage Suppressor Diodes
Voltage Range
6.8 to 440 Volts
1500 Watts Peak Power
5.0 Watts Steady State
Features
UL Recognized File # E-96005
Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
Exceeds environmental standards of MIL-STD-19500
1500W surgecapability at 10 x 100 us waveform, duty cycle:
0.01%
Excellent clamping capability
Low zener impedance
Fast response time: Typically less than 1.0ps from 0 volts to
VBR for unidirectional and 5.0 ns for bidirectional
Typical IR less than 1uA above 10V
High temperature soldering guaranteed: 260°C / 10 seconds
/ .375”,(9.5mm) lead length / 5lbs.,(2.3kg) tension
Mechanical Data
Case: Molded plastic
Lead: Axial leads, solderable per MIL-STD-202,
Lead: Method 208
Polarity: Color band denotes cathode except bipolar
Weight: 0.94gram
DO-201
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol
Value
Units
P
eak Power Dissipation at TA=25
OC, Tp=1ms
(Note 1)
PPK
Minimum1500
Watts
Steady State Power Dissipation at TL=75 °C
Lead Lengths .375”, 9.5mm (Note 2)
PD
5.0
Watts
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 3)
IFSM
200
Amps
Maximum Instantaneous Forward Voltage at
50.0A for Unidirectional Only (Note 4)
VF
3.5 / 5.0
Volts
Operating and Storage Temperature Range
TJ,TSTG
-55to+175
°C
Notes: 1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25
OC Per Fig. 2.
Notes: 2. Mounted on Copper Pad Area of 0.8 x 0.8” (20 x 20 mm) Per Fig. 4.
Notes: 3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minutes
Notes: 3. Maximum.
Notes: 4. VF=3.5V for Devices of VBR
200V and VF=5.0V Max. for Devices VBR>200V.
Devices for Bipolar Applications
Notes: 1. For Bidirectional Use C or CA Suffix for Types 1.5KE6.8 through Types 1.5KE440.
Notes: 2. Electrical Characteristics Apply in Both Directions.


유사한 부품 번호 - 1N6281CA

제조업체부품명데이터시트상세설명
logo
Transys Electronics
1N6281CA TRSYS-1N6281CA Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1N6281CA ETC1-1N6281CA Datasheet
91Kb / 6P
   1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
logo
SynSemi, Inc.
1N6281CA SYNSEMI-1N6281CA Datasheet
141Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
1N6281CA EIC-1N6281CA Datasheet
80Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
1N6281CA SUNMATE-1N6281CA Datasheet
92Kb / 4P
   1500 Watts Axial Leaded Transient Voltage Suppressor
More results

유사한 설명 - 1N6281CA

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com