์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

CMC-6027-24L100 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - CUI INC

๋ถ€ํ’ˆ๋ช… CMC-6027-24L100
์ƒ์„ธ๋‚ด์šฉ  ELECTRET CONDENSER MICROPHONE
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  CUI [CUI INC]
ํ™ˆํŽ˜์ด์ง€  http://www.cui.com
Logo 

CMC-6027-24L100 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 2 Page - CUI INC

   
Zoom Inzoom in Zoom Outzoom out
/ 4 page
 2 / 4 page
background image
cui.com
CUI Inc
โ”‚ MODEL: CMC-6027-24L100 โ”‚ DESCRIPTION: ELECTRET CONDENSER MICROPHONE
date 11/28/2016
โ”‚ page 2 of 4
MECHANICAL DRAWING
units: mm
tolerance: ยฑ0.25 mm
wire: UL1571 LF 30 AWG
FREQUENCY RESPONSE CURVE
MEASUREMENT CIRCUIT
RL = 2.2 kฮฉ
C = 1 ยตF
For more information, please visit the product page.


Html Pages

1  2  3  4 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn