전자부품 데이터시트 검색엔진 |
|
IRFP4242PBF 데이터시트(PDF) 3 Page - International Rectifier |
|
IRFP4242PBF 데이터시트(HTML) 3 Page - International Rectifier |
3 / 8 page IRFP4242PbF www.irf.com 3 Fig 2. Typical Output Characteristics Fig 1. Typical Output Characteristics Fig 3. Typical Transfer Characteristics Fig 4. Normalized On-Resistance vs. Temperature Fig 6. Typical EPULSE vs. Drain Current Fig 5. Typical EPULSE vs. Drain-to-Source Voltage 0.1 1 10 100 VDS, Drain-to-Source Voltage (V) 1 10 100 1000 ≤ 60µs PULSE WIDTH Tj = 25°C 7.0V VGS TOP 15V 10V 8.0V BOTTOM 7.0V 0.1 1 10 100 VDS, Drain-to-Source Voltage (V) 1 10 100 1000 ≤ 60µs PULSE WIDTH Tj = 175°C 7.0V VGS TOP 15V 10V 8.0V BOTTOM 7.0V 4.0 5.0 6.0 7.0 8.0 VGS, Gate-to-Source Voltage (V) 1.0 10.0 100.0 1000.0 VDS = 30V ≤ 60µs PULSE WIDTH TJ = 25°C TJ = 175°C -60 -40 -20 0 20 40 60 80 100 120 140 160 180 TJ , Junction Temperature (°C) 0.5 1.0 1.5 2.0 2.5 3.0 3.5 ID = 33A VGS = 10V 180 200 220 240 VDS, Drain-to -Source Voltage (V) 500 1000 1500 2000 2500 3000 3500 4000 L = 220nH C = 0.4µF 100°C 25°C 170 180 190 200 210 220 230 240 250 ID, Peak Drain Current (A) 0 1000 2000 3000 4000 L = 220nH C = Variable 100°C 25°C |
유사한 부품 번호 - IRFP4242PBF |
|
유사한 설명 - IRFP4242PBF |