전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LCX157MTCX 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 74LCX157MTCX
상세설명  Low Voltage Quad 2-Input Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LCX157MTCX 데이터시트(HTML) 5 Page - ON Semiconductor

  74LCX157MTCX Datasheet HTML 1Page - ON Semiconductor 74LCX157MTCX Datasheet HTML 2Page - ON Semiconductor 74LCX157MTCX Datasheet HTML 3Page - ON Semiconductor 74LCX157MTCX Datasheet HTML 4Page - ON Semiconductor 74LCX157MTCX Datasheet HTML 5Page - ON Semiconductor 74LCX157MTCX Datasheet HTML 6Page - ON Semiconductor 74LCX157MTCX Datasheet HTML 7Page - ON Semiconductor 74LCX157MTCX Datasheet HTML 8Page - ON Semiconductor 74LCX157MTCX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 1995 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX157 Rev. 1.3
4
Recommended Operating Conditions(4)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
4. Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
Operating
2.0
3.6
V
VIN
Input Voltage
0
5.5
V
VOUT
Output Voltage
HIGH or LOW State
0
VCC
V
IOH/IOL
Output Current
VCC = 3.0 V - 3.6 V
±24
mA
VCC = 2.7 V - 3.0 V
±12
VCC = 2.3 V - 2.7 V
±8
TA
Free-Air Operating Temperature
-40
85
°C
Δt/ΔV
Input Edge Rate, VIN = 0.8 V - 2.0 V, VCC = 3.0 V
0
10
ns/V
Symbol
Parameter
Conditions
VCC (V)
TA = -40 to +85°C
Unit
Min.
Max.
VIH
HIGH Level Input Voltage
2.3 - 2.7
1.7
V
2.7 - 3.6
2.0
VIL
LOW Level Input Voltage
2.3 - 2.7
0.7
V
2.7 - 3.6
0.8
VOH
HIGH Level Output Voltage
IOH = -100 µA
2.3 - 3.6
VCC - 0.2
V
IOH = -8 mA
2.3
1.8
IOH = -12 mA
2.7
2.2
IOH = -18 mA
3.0
2.4
IOH = -24 mA
3.0
2.2
VOL
LOW Level Output Voltage
IOL = 100 µA
2.3 - 3.6
0.2
V
IOL = 8 mA
2.3
0.6
IOL = 12 mA
2.7
0.4
IOL = 16 mA
3.0
0.4
IOL = 24 mA
3.0
0.55
II
Input Leakage Current
0 ≤ VI ≤ 5.5 V
2.3 - 3.6
±5.0
µA
IOFF
Power-Off Leakage Current VI or VO = 5.5 V
0
10
µA
ICC
Quiescent Supply Current
VI = VCC or GND
2.3 - 3.6
10
µA
3.6 V ≤ VI ≤ 5.5 V
2.3 - 3.6
±10
ΔICC
Increase in ICC per Input
VIH = VCC - 0.6 V
2.3 - 3.6
500
µA


유사한 부품 번호 - 74LCX157MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX157MTCX FAIRCHILD-74LCX157MTCX Datasheet
99Kb / 9P
   Low Voltage Quad 2-Input Multiplexer with 5V Tolerant Inputs
More results

유사한 설명 - 74LCX157MTCX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
logo
ON Semiconductor
74LCX257 ONSEMI-74LCX257 Datasheet
207Kb / 11P
   Low Voltage Quad 2-Input Multiplexer
Revised September 2000
logo
Fairchild Semiconductor
74LVX157 FAIRCHILD-74LVX157 Datasheet
77Kb / 7P
   Low Voltage Quad 2-Input Multiplexer
74LVQ157 FAIRCHILD-74LVQ157 Datasheet
79Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
74LVQ157 FAIRCHILD-74LVQ157_01 Datasheet
66Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
logo
Motorola, Inc
MC74LCX157 MOTOROLA-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
MC74LCX158 MOTOROLA-MC74LCX158 Datasheet
115Kb / 4P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74LCX158 ONSEMI-MC74LCX158_12 Datasheet
159Kb / 8P
   Low-Voltage CMOS Quad 2-Input Multiplexer
October, 2012 ??Rev. 7
MC74LCX157 ONSEMI-MC74LCX157 Datasheet
145Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1997 REV 1
MC74LCX257 ONSEMI-MC74LCX257 Datasheet
155Kb / 8P
   LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
1996 REV 0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com