전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-315J 데이터시트(PDF) 2 Page - Agilent(Hewlett-Packard)

부품명 HCPL-315J
상세설명  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-315J 데이터시트(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-315J Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-315J Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-315J Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-315J Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-315J Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-315J Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-315J Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-315J Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-315J Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
Ordering Information
Specify Part Number followed by Option Number (if desired)
Example
HCPL-315Y#XXXX
No Option = Standard DIP package, 50 per tube.
060 = IEC/EN/DIN EN 60747-5-2 VIORM = 630 Vpeak Option, 50 per tube.
(HCPL-3150 only)
300 = Gull Wing Surface Mount Option, 50 per tube. (HCPL-3150 only)
500 = Tape and Reel Packaging Option.
HCPL-3150; 1000 per reel.
HCPL-315J; 850 per reel.
XXXE = Lead Free Option
∅ = Single Channel, 8-pin PDIP.
J = Dual Channel, SO16.
Option data sheets available. Contact Agilent sales representative or authorized distributor.
Remarks: The notation “#” is used for existing products, while (new) products launched since 15th July 2001 and lead free option will use “–”
Package Outline Drawings
Standard DIP Package
Selection Guide: Invertor Gate Drive Optoisolators
Widebody
Package Type
8-Pin DIP (300 mil)
(400 mil)
Small Outline SO-16
Part Number
HCPL-3150
HCPL-3120
HCPL-J312
HCPL-J314
HCNW-3120
HCPL-315J
HCPL-316J
HCPL-314J
Number of
1
1
1
1
1
2
1
2
Channels
IEC/EN/DIN EN
VIORM
VIORM
VIORM
VIORM
60747-5-2
630 Vpeak
891Vpeak
1414 Vpeak
891 Vpeak
Approvals
Option 060
UL
3750
3750
5000
3750
Approval
Vrms/1 min.
Vrms/1 min.
Vrms/1min.
Vrms/1 min.
Output Peak
0.5A
2A
2A
0.4A
2A
0.5A
2A
0.4A
Current
CMR
15 kV/
µs
10 kV/
µs
15 kV/
µs
10 kV/
µs
(minimum)
UVLO
Yes
No
Yes
No
Fault Status
No
Yes
No
9.40 (0.370)
9.90 (0.390)
PIN ONE
1.78 (0.070) MAX.
1.19 (0.047) MAX.
A 3150 Z
YYWW
DATE CODE
0.76 (0.030)
1.40 (0.055)
2.28 (0.090)
2.80 (0.110)
0.51 (0.020) MIN.
0.65 (0.025) MAX.
4.70 (0.185) MAX.
2.92 (0.115) MIN.
6.10 (0.240)
6.60 (0.260)
0.20 (0.008)
0.33 (0.013)
5° TYP.
7.36 (0.290)
7.88 (0.310)
1
2
3
4
8
7
6
5
5
6
7
8
4
3
2
1
GND1
VDD1
VIN+
VIN–
GND2
VDD2
VOUT+
VOUT–
PIN DIAGRAM
PIN ONE
DIMENSIONS IN MILLIMETERS AND (INCHES).
* MARKING CODE LETTER FOR OPTION NUMBERS.
"V" = OPTION 060.
OPTION NUMBERS 300 AND 500 NOT MARKED.
OPTION CODE*
NOTE: FLOATING LEAD PROTRUSION IS 0.25 mm (10 mils) MAX.
3.56 ± 0.13
(0.140 ± 0.005)


유사한 부품 번호 - HCPL-315J

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J AVAGO-HCPL-315J Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
More results

유사한 설명 - HCPL-315J

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com