전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-3150 데이터시트(PDF) 9 Page - Agilent(Hewlett-Packard)

부품명 HCPL-3150
상세설명  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-3150 데이터시트(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button HCPL-3150 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-3150 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-3150 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-3150 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-3150 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HCPL-3150 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HCPL-3150 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HCPL-3150 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HCPL-3150 Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9
Notes:
1. Derate linearly above 70
°C free-air
temperature at a rate of 0.3 mA/
°C.
2. Maximum pulse width = 10
µs,
maximum duty cycle = 0.2%. This
value is intended to allow for
component tolerances for designs
with IO peak minimum = 0.5 A. See
Applications section for additional
details on limiting IOH peak.
3. Derate linearly above 70
°C free-air
temperature at a rate of 4.8 mW/
°C.
4. Derate linearly above 70
°C free-air
temperature at a rate of 5.4 mW/
°C.
The maximum LED junction tempera-
ture should not exceed 125
°C.
5. Maximum pulse width = 50
µs,
maximum duty cycle = 0.5%.
6. In this test VOH is measured with a dc
load current. When driving capacitive
loads VOH will approach VCC as IOH
approaches zero amps.
7. Maximum pulse width = 1 ms,
maximum duty cycle = 20%.
8. In accordance with UL1577, each
HCPL-3150 optocoupler is proof
tested by applying an insulation test
voltage
≥ 4500 Vrms (≥ 5000 Vrms
for the HCPL-315J) for 1 second
(leakage detection current limit, II-O
≤ 5 µA). This test is performed
before the 100% production test for
partial discharge (method b) shown
in the IEC/EN/DIN EN 60747-5-2
Insulation Characteristics Table, if
applicable.
9. Device considered a two-terminal
device: pins on input side shorted
together and pins on output side
shorted together.
10. The difference between tPHL and tPLH
between any two parts or channels
under the same test condition.
11. Pins 1 and 4 (HCPL-3150) and pins 3
and 4 (HCPL-315J) need to be
connected to LED common.
12. Common mode transient immunity in
the high state is the maximum
tolerable |dVCM/dt| of the common
mode pulse, VCM, to assure that the
output will remain in the high state
(i.e., VO > 15.0 V).
13. Common mode transient immunity in
a low state is the maximum tolerable
|dVCM/dt| of the common mode
pulse, VCM, to assure that the output
will remain in a low state (i.e.,
VO < 1.0 V).
14. This load condition approximates the
gate load of a 1200 V/25 A IGBT.
15. Pulse Width Distortion (PWD) is
defined as |tPHL-tPLH| for any given
device.
16. Each channel.
17. Device considered a two terminal
device: Channel one output side pins
shorted together, and channel two
output side pins shorted together.
18. See the thermal model for the
HCPL-315J in the application
section of this data sheet.
Package Characteristics (each channel, unless otherwise specified)
Parameter
Symbol
Device
Min.
Typ.*
Max. Units
Test Conditions
Fig.
Note
Input-Output
VISO
HCPL-3150
3750
Vrms
RH < 50%,
8, 9
Momentary
t = 1 min.,
Withstand Voltage**
HCPL-315J
3750
TA = 25°C
Output-Output
VO-O
HCPL-315J
1500
Vrms
RH < 50%
17
Momentary
t = 1 min.,
Withstand Voltage**
TA = 25°C
Resistance
RI-O
1012
VI-O = 500 VDC
9
(Input - Output)
Capacitance
CI-O
HCPL-3150
0.6
pF
f = 1 MHz
(Input - Output)
HCPL-315J
1.3
LED-to-Case
θLC
HCPL-3150
391
°C/W
Thermocouple
28
18
Thermal Resistance
LED-to-Detector
θLD
HCPL-3150
439
°C/W
Thermal Resistance
Detector-to-Case
θDC
HCPL-3150
119
°C/W
Thermal Resistance
*All typical values at TA = 25°C and VCC - VEE = 30 V, unless otherwise noted.
**The Input-Output/Output-Output Momentary Withstand Voltage is a dielectric voltage rating that should not be interpreted as an input-
output/output-output continuous voltage rating. For the continuous voltage rating refer to your equipment level safety specification or Agilent
Application Note 1074 entitled “Optocoupler Input-Output Endurance Voltage.”
located at center
underside of
package


유사한 부품 번호 - HCPL-3150

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-3150 BOARDCOM-HCPL-3150 Datasheet
54Kb / 3P
   Option 060 for Plastic Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150-000E AVAGO-HCPL-3150-000E Datasheet
211Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
HCPL-3150-300E AVAGO-HCPL-3150-300E Datasheet
242Kb / 21P
   HCPL-3150 (Single Channel), HCPL-315J (Dual Channel)
More results

유사한 설명 - HCPL-3150

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com