전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-315J-XXXE 데이터시트(PDF) 1 Page - Agilent(Hewlett-Packard)

부품명 HCPL-315J-XXXE
상세설명  0.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-315J-XXXE 데이터시트(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-315J-XXXE Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-315J-XXXE Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TRUTH TABLE
VCC - VEE
VCC - VEE
“Positive Going”
“Negative-Going”
LED
(i.e., Turn-On)
(i.e., Turn-Off)
VO
OFF
0 - 30 V
0 - 30 V
LOW
ON
0 - 11 V
0 - 9.5 V
LOW
ON
11 - 13.5 V
9.5 - 12 V
TRANSITION
ON
13.5 - 30 V
12 - 30 V
HIGH
0.5 Amp Output Current IGBT
Gate Drive Optocoupler
Technical Data
HCPL-3150 (Single Channel)
HCPL-315J (Dual Channel)
Features
• 0.5 A Minimum Peak Output
Current
• 15 kV/
µs Minimum Common
Mode Rejection (CMR) at
VCM = 1500 V
• 1.0 V Maximum Low Level
Output Voltage (VOL)
Eliminates Need for
Negative Gate Drive
• ICC = 5 mA Maximum Supply
Current
• Under Voltage Lock-Out
Protection (UVLO) with
Hysteresis
• Wide Operating VCC Range:
15 to 30 Volts
• 0.5
µs Maximum
Propagation Delay
• +/– 0.35
µs Maximum Delay
Between Devices/Channels
• Industrial Temperature
Range:
-40
°C to 100°C
• HCPL-315J: Channel One to
Channel Two Output
Isolation = 1500 Vrms/1 min.
• Safety and Regulatory
Approval:
UL Recognized (UL1577)
3750 Vrms/1 min.
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
IEC/EN/DIN EN 60747-5-2
Approved
VIORM = 630 Vpeak
(HCPL-3150 Option 060 only)
VIORM = 891 Vpeak (HCPL-
315J) CSA Certified
Applications
• Isolated IGBT/MOSFET
Gate Drive
• AC and Brushless DC Motor
Drives
• Industrial Inverters
• Switch Mode Power
Supplies (SMPS)
• Uninterruptable Power
Supplies (UPS)
Description
The HCPL-315X consists of a
LED optically coupled to an
integrated circuit with a power
output stage. This optocoupler is
ideally suited for driving power
IGBTs and MOSFETs used in
motor control inverter applica-
tions. The high operating voltage
range of the output stage pro-
vides the drive voltages required
by gate controlled devices. The
voltage and current supplied by
this optocoupler makes it ideally
suited for directly driving IGBTs
with ratings up to 1200 V/50 A.
For IGBTs with higher ratings,
the HCPL-3150/315J can be used
to drive a discrete power stage
which drives the IGBT gate.
A 0.1
µF bypass capacitor must be connected between the VCC and VEE pins for each channel.
Functional Diagram
1
3
SHIELD
2
4
8
6
7
5
N/C
CATHODE
ANODE
N/C
VCC
VO
VO
VEE
HCPL-3150
1
3
SHIELD
2
8
16
14
15
9
N/C
CATHODE
ANODE
N/C
VCC
VEE
VO
VEE
7
6
10
11
CATHODE
ANODE
VO
VCC
SHIELD
HCPL-315J


유사한 부품 번호 - HCPL-315J-XXXE

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-315J-500E AVAGO-HCPL-315J-500E Datasheet
242Kb / 21P
   0.6A maximum peak output current 0.5 A minimum peak output current
More results

유사한 설명 - HCPL-315J-XXXE

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-3150 HP-HCPL-3150 Datasheet
253Kb / 15P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3150 AVAGO-HCPL-3150 Datasheet
417Kb / 22P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
Broadcom Corporation.
HCPL-5150 BOARDCOM-HCPL-5150 Datasheet
1Mb / 18P
   0.5-Amp Output Current IGBT Gate Drive Hermetic Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com