전자부품 데이터시트 검색엔진 |
|
KA4L3M 데이터시트(PDF) 11 Page - NEC |
|
KA4L3M 데이터시트(HTML) 11 Page - NEC |
11 / 22 page Data Sheet D16495EJ3V0DS 11 KA4xxx [KA4A4P] TYPICAL CHARACTERISTICS (TA = 25°C) COLLECTOR TO EMITTER VOLTAGE vs. COLLECTOR CURRENT 2 0 0 10 20 30 40 50 46 8 10 VCE - Collector to Emitter Voltage - V COLLECTOR CURRENT vs. COLLECTOR TO EMITTER VOLTAGE IB = 180 A µ 160 A µ 140 A µ 120 A µ 100 A µ 80 A µ 60 A µ 40 A µ 20 A µ 0 0.1 0.2 0.3 0.4 0.5 0 2040 6080 100 VIN = 5.0 V 10.0 V 15.0 V IC - Collector Current - mA DC CURRENT GAIN vs. COLLECTOR CURRENT COLLECTOR SATURATION VOLTAGE vs. COLLECTOR CURRENT 1 10 100 1000 110 100 VCE = 5.0 V TA = 75°C 25°C −25°C IC - Collector Current - mA 0.01 0.1 1 110 100 IC = 10・IB TA = 75°C 25°C −25°C IC - Collector Current - mA INPUT VOLTAGE vs. COLLECTOR CURRENT COLLECTOR CURRENT vs. INPUT VOLTAGE 0.1 1 10 100 110 100 VCE = 0.2 V TA = −25°C 25°C 75°C IC - Collector Current - mA 1 10 100 1000 0.2 0.4 0.6 0.8 1 1.2 VCE = 5.0 V TA = 75°C −25°C 25°C VIN - Input Voltage - V RESISTER vs. AMBIENT TEMPERATURE 0 10 20 30 40 50 60 -25 0 25 50 75 100 R1 R2 TA - Ambient Temperature - °C |
유사한 부품 번호 - KA4L3M |
|
유사한 설명 - KA4L3M |