전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA4L3N 데이터시트(PDF) 11 Page - NEC

부품명 KA4L3N
상세설명  RESISTOR BUILT-IN TYPE NPN TRANSISTOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NEC [NEC]
홈페이지  http://www.nec.com/
Logo NEC - NEC

KA4L3N 데이터시트(HTML) 11 Page - NEC

Back Button KA4L3N Datasheet HTML 7Page - NEC KA4L3N Datasheet HTML 8Page - NEC KA4L3N Datasheet HTML 9Page - NEC KA4L3N Datasheet HTML 10Page - NEC KA4L3N Datasheet HTML 11Page - NEC KA4L3N Datasheet HTML 12Page - NEC KA4L3N Datasheet HTML 13Page - NEC KA4L3N Datasheet HTML 14Page - NEC KA4L3N Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Data Sheet D16495EJ3V0DS
11
KA4xxx
[KA4A4P]
TYPICAL CHARACTERISTICS (TA = 25°C)
COLLECTOR TO EMITTER VOLTAGE vs.
COLLECTOR CURRENT
2
0
0
10
20
30
40
50
46
8
10
VCE - Collector to Emitter Voltage - V
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
IB = 180 A
µ
160 A
µ
140 A
µ
120 A
µ
100 A
µ
80 A
µ
60 A
µ
40 A
µ
20 A
µ
0
0.1
0.2
0.3
0.4
0.5
0
2040
6080
100
VIN = 5.0 V
10.0 V
15.0 V
IC - Collector Current - mA
DC CURRENT GAIN vs. COLLECTOR CURRENT
COLLECTOR SATURATION VOLTAGE vs.
COLLECTOR CURRENT
1
10
100
1000
110
100
VCE = 5.0 V
TA = 75°C
25°C
−25°C
IC - Collector Current - mA
0.01
0.1
1
110
100
IC = 10・IB
TA = 75°C
25°C
−25°C
IC - Collector Current - mA
INPUT VOLTAGE vs. COLLECTOR CURRENT
COLLECTOR CURRENT vs. INPUT VOLTAGE
0.1
1
10
100
110
100
VCE = 0.2 V
TA =
−25°C
25°C
75°C
IC - Collector Current - mA
1
10
100
1000
0.2
0.4
0.6
0.8
1
1.2
VCE = 5.0 V
TA = 75°C
−25°C
25°C
VIN - Input Voltage - V
RESISTER vs. AMBIENT TEMPERATURE
0
10
20
30
40
50
60
-25
0
25
50
75
100
R1
R2
TA - Ambient Temperature - °C


유사한 부품 번호 - KA4L3N

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
KA4L3N RENESAS-KA4L3N Datasheet
464Kb / 24P
   SILICON TRANSISTOR
2002
More results

유사한 설명 - KA4L3N

제조업체부품명데이터시트상세설명
logo
NEC
FA4A4M NEC-FA4A4M Datasheet
685Kb / 22P
   RESISTOR BUILT-IN TYPE NPN TRANSISTOR
GA4F3R NEC-GA4F3R Datasheet
370Kb / 22P
   RESISTOR BUILT-IN TYPE NPN TRANSISTOR
logo
Unisonic Technologies
DTC124T UTC-DTC124T Datasheet
106Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
logo
NEC
GA1A4M NEC-GA1A4M Datasheet
192Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR?
GA1L3N NEC-GA1L3N Datasheet
176Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR?
GA1L4Z NEC-GA1L4Z Datasheet
161Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR?
logo
Unisonic Technologies
DTC115T UTC-DTC115T Datasheet
69Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
logo
NEC
GA1L3M NEC-GA1L3M Datasheet
173Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR?
GA1L4L NEC-GA1L4L Datasheet
186Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR?
GA1A3Q NEC-GA1A3Q Datasheet
178Kb / 4P
   MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com