전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS60240DGK 데이터시트(PDF) 4 Page - Texas Instruments

부품명 TPS60240DGK
상세설명  170-uVrms ZERO-RIPPLE SWITCHED CAP BUCK-BOOST CONVERTER FOR VCO SUPPLY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TPS60240DGK 데이터시트(HTML) 4 Page - Texas Instruments

  TPS60240DGK Datasheet HTML 1Page - Texas Instruments TPS60240DGK Datasheet HTML 2Page - Texas Instruments TPS60240DGK Datasheet HTML 3Page - Texas Instruments TPS60240DGK Datasheet HTML 4Page - Texas Instruments TPS60240DGK Datasheet HTML 5Page - Texas Instruments TPS60240DGK Datasheet HTML 6Page - Texas Instruments TPS60240DGK Datasheet HTML 7Page - Texas Instruments TPS60240DGK Datasheet HTML 8Page - Texas Instruments TPS60240DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TPS60240, TPS60241
TPS60242, TPS60243
SLVS372B – JUNE 2001 – REVISED JANUARY 2002
4
www.ti.com
detailed description
operating principle
The TPS6024x charge pump is a fixed-frequency, dual-phase charge pump that provides 25 mA of continuous
supply current for low-noise applications such as VCOs used in cell phones and wireless appliances.
Low-noise operation results from using a proprietary dual-phase charge pump topology that relies on an
operational amplifier in the feedback loop to reduce ripple. During the first phase, C1 is charged to the supply
voltage. Terminal C1+ is connected to VIN, and C1– is connected to GND. In the second phase, C1– is connected
to the output of the operational amplifier, and C1+ is connected to VOUT. The operational amplifier then adjusts
its output until the output VOUT delivers the correct voltage to make the resistor divided feedback point equal
to the reference voltage. During this second phase, C2 is charged to supply voltage. Terminal C2– is connected
to GND, and C2+ is connected to VIN. Phase one is then repeated with C2, now acting to provide charge to the
output in place of C1, which is connected to the supply. The dual-phase operation lowers the output ripple
voltage significantly compared to a standard single-phase charge pump. In addition, the linear feedback of the
operational amplifier eliminates the ripple during discharge of the output capacitor (CO).
shutdown
Driving EN low disables the converter. This disables the internal circuits and reduces input current to typically
0.1
µA. In this mode, the load is disconnected from the supply voltage. The device exits shutdown once EN is
set to a high level.
start-up procedure
The converter is enabled when EN is set from logic low to high. The start-up time to reach 90% of the nominal
output voltage is typically 0.5 ms at load currents lower than 10 mA and with an output capacitor of 1
µF.
Increasing the values of CO delays the start-up time.
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage, VDD
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power dissipation, PD
Internally limited
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage EN
–0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage C2–, C1–
–0.3 V to VI or 5.5 V, whichever is lowest
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage C2+, C1+
–0.3 V to VI, VO, or 5.5 V, whichever is lowest
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature, TJ
125
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature, Tstg
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Shortcircuit output current
80 mA maximum
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
DGK
376 mW
3.76 mW/
°C
207 mW
150 mW
NOTE: The thermal resistance junction to ambient of the DGK package is RTH–JA = 150°C/W.


유사한 부품 번호 - TPS60240DGK

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60240DGK TI1-TPS60240DGK Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60240DGKR TI1-TPS60240DGKR Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60240DGKT TI1-TPS60240DGKT Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60240DGKTG4 TI1-TPS60240DGKTG4 Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
More results

유사한 설명 - TPS60240DGK

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS60240 TI1-TPS60240_16 Datasheet
1Mb / 22P
[Old version datasheet]   TPS6024x 170-Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
TPS60240 TI-TPS60240_15 Datasheet
963Kb / 22P
[Old version datasheet]   TPS6024x 170-關Vrms Zero-Ripple Switched Capacitor Buck-Boost Converter for VCO Supply
REG710 TI-REG710 Datasheet
378Kb / 15P
[Old version datasheet]   60MA SWITCHED CAP BUCK/BOOST CONVERTER
logo
Burr-Brown (TI)
REG710 BURR-BROWN-REG710_07 Datasheet
433Kb / 18P
   60mA Switched-Cap BUCK/BOOST CONVERTER
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
LM3279 TI1-LM3279_16 Datasheet
1Mb / 37P
[Old version datasheet]   Buck-Boost Converter
logo
Altera Corporation
ER3125QI ALTERA-ER3125QI Datasheet
2Mb / 30P
   MOSFET for Synchronous Buck or Boost Buck Converter
logo
Texas Instruments
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
[Old version datasheet]   LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com