์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AV9015LT1 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Avic Technology

๋ถ€ํ’ˆ๋ช… AV9015LT1
์ƒ์„ธ๋‚ด์šฉ  SOT-23 Plastic-Encapsulate Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  AVICTEK [Avic Technology]
ํ™ˆํŽ˜์ด์ง€  
Logo 

AV9015LT1 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 1 Page - Avic Technology

   
Zoom Inzoom in Zoom Outzoom out
/ 1 page
 1 / 1 page
background image
1. 3
2. 4
SOT-23 Plastic-Encapsulate Transistors
AV9015LT1
TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM:
0.2
W (Tamb=25
โ„ƒ)
Collector current
ICM:
-0.1
A
Collector-base voltage
V(BR)CBO:
-50
V
Operating and storage junction temperature range
TJ, Tstg: -55
โ„ƒ to +150โ„ƒ
ELECTRICAL
CHARACTERISTICS (Tamb=25
โ„ƒ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= -100
ยตA, IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= -0.1mA, IB=0
-45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100ยตA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50V, IE=0
-0.1
ยตA
Emitter cut-off current
IEBO
VEB= -5V, IC=0
-0.1
ยตA
DC current gain
hFE(1)
VCE=-5V, IC= -1mA
200
1000
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA, IB= -10mA
-0.3
V
Base-emitter saturation voltage
VBE(sat)
IC=-100mA, IB=-10mA
-1
V
Transition frequency
fT
VCE=-5V, IC= -10mA
f=30MHz
150
MHz
CLASSIFICATION OF
hFE(1)
Rank
L
H
Range
200-450
450-1000
DEVICE MARKING
S9015LT1=M6
Unit: mm
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
Copyright @vic Electronics Corp.
Website http://www.avictek.com
@vic


Html Pages

1 


๋ฐ์ดํ„ฐ์‹œํŠธ Download



๊ด€๋ จ ๋ถ€ํ’ˆ๋ช…

๋ถ€ํ’ˆ๋ช…์ƒ์„ธ๋‚ด์šฉHtml View์ œ์กฐ์‚ฌ
AV9012LT1SOT-23 Plastic-Encapsulate Transistors 1 Avic Technology
S9018LT1SOT-23 Plastic-Encapsulate Transistors 1 List of Unclassifed Manufacturers
MMBT2222ALT1SOT-23 Plastic-Encapsulate Transistors 1 Avic Technology
AV1015LT1SOT-23 Plastic-Encapsulate Transistors 1 2 Avic Technology
MMBT2907ALT1SOT-23 Plastic-Encapsulate Transistors 1 Avic Technology
MMBT3904LT1SOT-23 Plastic-Encapsulate Transistors 1 Avic Technology
AV1815LT1SOT-23 Plastic-Encapsulate Transistors 1 2 Avic Technology
MMBT4401LT1SOT-23 Plastic-Encapsulate Transistors 1 Avic Technology
MMBT4403LT1SOT-23 Plastic-Encapsulate Transistors 1 Avic Technology
S9012LT1SOT-23 Plastic-Encapsulate Transistors 1 2 List of Unclassifed Manufacturers

๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn