전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CB012T2R2M 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 CB012T2R2M
상세설명  WOUND CHIP INDUCTORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

CB012T2R2M 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CB012T2R2M Datasheet HTML 7Page - List of Unclassifed Manufacturers CB012T2R2M Datasheet HTML 8Page - List of Unclassifed Manufacturers CB012T2R2M Datasheet HTML 9Page - List of Unclassifed Manufacturers CB012T2R2M Datasheet HTML 10Page - List of Unclassifed Manufacturers CB012T2R2M Datasheet HTML 11Page - List of Unclassifed Manufacturers CB012T2R2M Datasheet HTML 12Page - List of Unclassifed Manufacturers CB012T2R2M Datasheet HTML 13Page - List of Unclassifed Manufacturers CB012T2R2M Datasheet HTML 14Page - List of Unclassifed Manufacturers CB012T2R2M Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
203
5
RELIABILITY DATA
4/8
At least 90L of electrode
Item
Specified Value
Test Methods and Remarks
14.Drop test
△L/L→
WithinM5L
No significant
abnormality in
appearance.
LEM
Drop test
Impact material
:concreta or vinyl tile
Height
:1m
Total number of drops
:10 times
LEM2520
Acceleration
:980m/sec2
Duration
:6msec
Number of times
:6 sides P 3 times
Mounting method
:Soldering onto printed board
f
* Excluding 10NVR10g
Recovery
:At least 1 hr of recovery under
the standard condition after the
test, followed by the measure-
ment within 2 hrs.
LEM
Solder temperature
:230M5C
Duration
:5M0.5sec. fLEM2520g
Fiux
:Methanol solution with 25L of
colophony
LBYLBCYCBYCBCYCBLYLBH
Solder temperature
:230M5C
Duration
:5M0.5sec
Fiux
:Methanol solution with 25L of
colophony
15.Solderability
LEM2520
LBH1608
LB2518
LB2016
LB2012
LB1608
LBC2518
LBC2016
LBC2012
CB2518
CB2016
CB2012
CBC3225
CBC2518
CBC2016
CBC2012
CBL2012


유사한 부품 번호 - CB012T2R2M

제조업체부품명데이터시트상세설명
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
CB017C0102JBA AVX-CB017C0102JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
CB017C0103 AVX-CB017C0103 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB017C0103 AVX-CB017C0103 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC ??CB Series
More results

유사한 설명 - CB012T2R2M

제조업체부품명데이터시트상세설명
logo
EXCEL CELL ELECTRONIC C...
EWL ECE-EWL Datasheet
256Kb / 7P
   WOUND CHIP INDUCTORS
logo
PCA ELECTRONICS INC.
EPIMSC0402C PCA-EPIMSC0402C Datasheet
37Kb / 3P
   Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB1608T1R0M TAIYO-YUDEN-LB1608T1R0M Datasheet
2Mb / 47P
   WOUND CHIP INDUCTORS
logo
Central Technologies
CTAC0805F CT-CTAC0805F Datasheet
91Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT1812SMSF CT-CT1812SMSF Datasheet
224Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC0603F CT-CTAC0603F Datasheet
296Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT132SMF CT-CT132SMF Datasheet
196Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CT2214F CT-CT2214F Datasheet
369Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAC1008F CT-CTAC1008F Datasheet
305Kb / 1P
   Wire-wound Chip Inductors - Open Wound
CTAF CT-CTAF Datasheet
171Kb / 1P
   Wire-wound Chip Inductors - Open Wound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com