์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

H27UCG8T2BTR-BC ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 20 Page - Hynix Semiconductor

๋ถ€ํ’ˆ๋ช… H27UCG8T2BTR-BC
์ƒ์„ธ๋‚ด์šฉ  64Gb(8192M x 8bit) MLC NAND Flash
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  HYNIX [Hynix Semiconductor]
ํ™ˆํŽ˜์ด์ง€  http://www.skhynix.com/ko/index.jsp
Logo 

H27UCG8T2BTR-BC ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 20 Page - Hynix Semiconductor

Zoom Inzoom in Zoom Outzoom out
/ 56 page
 20 / 56 page
background image
H27UCG8T2BTR-BC
64Gb(8192M x 8bit) MLC NAND Flash
Rev 0.1 / Oct. 2012
20
Notes:
1. If Reset Command (FFh) is written at Ready state, the device goes into Busy for maximum 5us.
2. Program / Erase Enable Operation: WP# high to WE# High.
Program / Erase Disable Operation: WP# Low to WE# High.
3. The transition of the corresponding control pins must occur only while WE# is held low.
4. tADL is the time from the WE# rising edge of final address cycle to the WE# rising edge of first
data cycle.
I/O
Page
Program
Block
Erase
Read
Cache
Read
Cache
Program
Coding
70h / 78h
0
Pass / Fail
Pass / Fail
N/A
N/A
Pass /
Fail (N)
N page
Pass : โ€ž0โ€Ÿ Fail : โ€ž1โ€Ÿ
1
N/A
N/A
N/A
N/A
Pass /
Fail (N-1)
N -1 page
Pass : โ€ž0โ€Ÿ Fail : โ€ž1โ€Ÿ
2
N/A
N/A
N/A
N/A
N/A
โ€ž0โ€Ÿ
3
N/A
N/A
N/A
N/A
N/A
โ€ž0โ€Ÿ
4
N/A
N/A
N/A
N/A
N/A
โ€ž0โ€Ÿ
5
N/A
N/A
N/A
Ready /
Busy
Ready /
Busy
Ready / Busy
Busy : โ€ž0โ€Ÿ Ready : โ€ž1โ€Ÿ
6
Ready /
Busy
Ready /
Busy
Ready /
Busy
Ready /
Busy
Ready /
Busy
Data Cache Ready / Busy
Busy : โ€ž0โ€Ÿ Ready : โ€ž1โ€Ÿ
7
Write
Protect
Write
Protect
Write
Protect
Write
Protect
Write
Protect
Protected : โ€ž0โ€Ÿ
Not Protected : โ€ž1โ€Ÿ
Notes:
1. I/O0 : This bit is only valid for Program and Erase operations. During Cache Program operations,
this bit is only valid when I/O5 is set to one.
2. I/O1 : This bit is only valid for cache program operations. This bit is not valid until after the second
15h command or the 10h command has been transferred in a Cache program sequence.
When Cache program is not supported, this bit is not used.
3. I/O5 : If set to one, then there is no array operation in progress. If cleared to zero, then there is a
command being processed (I/O6 is cleared to zero) or an array operation in progress. When
overlapped interleaved operations or cache commands are not supported, this bit is not used.
4. I/O6 : If set to one, then the device or interleaved address is ready for another command and all
other bits in the status value are valid. If cleared to zero, then the last command issued is not
yet complete and Status Register bits<5:0> are invalid value. When cache operations are in
use, then this bit indicates whether another command can be accepted, and I/O5 indicates
whether the last operation is complete.
2.8. Status Register Coding
2.8.1. Status Register Coding For 70h/78h command


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn