전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SEMIX105GD12T4 데이터시트(PDF) 2 Page - Semikron International

부품명 SEMIX105GD12T4
상세설명  Trench IGBT Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMIKRON [Semikron International]
홈페이지  http://www.semikron.com
Logo SEMIKRON - Semikron International

SEMIX105GD12T4 데이터시트(HTML) 2 Page - Semikron International

  SEMIX105GD12T4 Datasheet HTML 1Page - Semikron International SEMIX105GD12T4 Datasheet HTML 2Page - Semikron International SEMIX105GD12T4 Datasheet HTML 3Page - Semikron International SEMIX105GD12T4 Datasheet HTML 4Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SEMiX105GD12T4
2
Rev. 0.2 – 10.03.2017
© by SEMIKRON
SEMiX® 5
GD
Trench IGBT Modules
Evaluation Sample
SEMiX105GD12T4
Target Data
Features
• Solderless assembling solution with
PressFIT signal pins and screw power
terminals
• IGBT 4 Trench Gate Technology
•VCE(sat) with positive temperature
coefficient
• Low inductance case
• Reliable mechanical design with
injection moulded terminals and
reliable internal connections
• UL recognized file no. E63532
• NTC temperature sensor inside
Typical Applications*
•AC inverter drives
•UPS
• Electronic Welding
Remarks
• Product reliability results are valid for
Tjop=150 °C
• Dynamic data are estimated
• For storage and case temperature with
TIM see document “TP(HALA P8)
SEMiX 5p”
Characteristics
Symbol Conditions
min.
typ.
max.
Unit
Inverse diode
VF = VEC IF = 100 A
VGE =0 V
chiplevel
Tj =25 °C
2.20
2.52
V
Tj =150 °C
2.15
2.47
V
VF0
chiplevel
Tj =25 °C
1.30
1.50
V
Tj =150 °C
0.90
1.10
V
rF
chiplevel
Tj =25 °C
9.0
10
Tj =150 °C
13
14
IRRM
IF = 100 A
di/dtoff =2300 A/µs
VGE =-15 V
VCC = 600 V
Tj =150 °C
-A
Qrr
Tj =150 °C
-µC
Err
Tj =150 °C
12
mJ
Rth(j-c)
per diode
0.43
K/W
Rth(c-s)
per diode (λgrease=0.81 W/mK,
thickness 50-100µm)
t.b.d.
K/W
Rth(c-s)
per diode (λ=3.4 W/mK)
t.b.d.
K/W
Module
LCE
20
nH
RCC'+EE'
measured per
switch
TC =25°C
1.2
TC =125 °C
1.65
Rth(c-s)1
calculated without thermal coupling
t.b.d.
K/W
Rth(c-s)2
including thermal coupling,
Ts underneath module (λgrease=0.81 W/
(m*K))
t.b.d.
K/W
Rth(c-s)2
including thermal coupling,
Ts underneath module, pre-applied
phase change material
t.b.d.
K/W
Ms
to heat sink (M5)
3
6
Nm
Mt
to terminals (M6)
36
Nm
Nm
w398
g
Temperature Sensor
R100
Tc=100°C (R25=5 kΩ)
493 ± 5%
Ω
B100/125
R(T)=R100exp[B100/125(1/T-1/T100)]; T[K];
3550
±2%
K


유사한 부품 번호 - SEMIX105GD12T4

제조업체부품명데이터시트상세설명
logo
Semikron International
SEMIX101GD066HDS SEMIKRON-SEMIX101GD066HDS Datasheet
1,003Kb / 4P
   Trench IGBT Modules
SEMIX101GD066HDS SEMIKRON-SEMIX101GD066HDS Datasheet
965Kb / 5P
   Trench IGBT Modules
SEMIX101GD066HDS SEMIKRON-SEMIX101GD066HDS Datasheet
391Kb / 5P
   Trench IGBT Modules
SEMIX101GD066HDS SEMIKRON-SEMIX101GD066HDS_07 Datasheet
965Kb / 5P
   Trench IGBT Modules
SEMIX101GD066HDS SEMIKRON-SEMIX101GD066HDS_08 Datasheet
391Kb / 5P
   Trench IGBT Modules
More results

유사한 설명 - SEMIX105GD12T4

제조업체부품명데이터시트상세설명
logo
Semikron International
SEMIX353GB126HDS SEMIKRON-SEMIX353GB126HDS_09 Datasheet
380Kb / 6P
   Trench IGBT Modules
SEMIX703GAL126HDS SEMIKRON-SEMIX703GAL126HDS_09 Datasheet
420Kb / 6P
   Trench IGBT Modules
SEMIX703GB126HDS SEMIKRON-SEMIX703GB126HDS_09 Datasheet
383Kb / 6P
   Trench IGBT Modules
SEMIX854GB176HDS SEMIKRON-SEMIX854GB176HDS_08 Datasheet
369Kb / 5P
   Trench IGBT Modules
SEMIX453GB176HDS SEMIKRON-SEMIX453GB176HDS_10 Datasheet
324Kb / 5P
   Trench IGBT Modules
SKM400GB176D SEMIKRON-SKM400GB176D_10 Datasheet
808Kb / 6P
   Trench IGBT Modules
SEMIX703GAL126HDS SEMIKRON-SEMIX703GAL126HDS_10 Datasheet
349Kb / 5P
   Trench IGBT Modules
SKIM459GD12E4 SEMIKRON-SKIM459GD12E4_11 Datasheet
337Kb / 5P
   Trench IGBT Modules
SEMIX402GB066HDS SEMIKRON-SEMIX402GB066HDS_08 Datasheet
360Kb / 5P
   Trench IGBT Modules
SEMIX453GD176HDC SEMIKRON-SEMIX453GD176HDC_09 Datasheet
380Kb / 5P
   Trench IGBT Modules
SEMIX604GB12E4S SEMIKRON-SEMIX604GB12E4S Datasheet
404Kb / 5P
   Trench IGBT Modules
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com